Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5336 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS5336
Description  16-Bit, Stereo A/D Converters for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5336 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS5336 Datasheet HTML 23Page - Cirrus Logic CS5336 Datasheet HTML 24Page - Cirrus Logic CS5336 Datasheet HTML 25Page - Cirrus Logic CS5336 Datasheet HTML 26Page - Cirrus Logic CS5336 Datasheet HTML 27Page - Cirrus Logic CS5336 Datasheet HTML 28Page - Cirrus Logic CS5336 Datasheet HTML 29Page - Cirrus Logic CS5336 Datasheet HTML 30Page - Cirrus Logic CS5336 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
on the rising edge of SCLK and shifted into the
16-bit shift register formed by U4 and U5 on
SCLK’s falling edge. After all data bits for the
selected channel have been shifted into U4 and
U5 the data is latched onto P1 by a delayed ver-
sion of FSYNC.
P5 selects the channel whose output data will be
converted to parallel form and presented on P1.
With P5 in the "B" (both) position, parallel data
from one channel will be presented first with
data from the other channel presented sub-
sequently. In the "L" (left) position, only left
channel conversions will be presented, while in
the "R" (right) position only right channel con-
versions are presented.
Two interface mechanisms are provided for read-
ing the data from this port. With the first, the
edges of L/R may be used to clock the parallel
data into the digital signal processor. (Set jumper
P2 into the L/R position.) Alternatively, a hand-
shake protocol implemented with DACK and
DRDY may be used to transfer data to the signal
processor. (Set jumper P2 to the DRDY posi-
tion.) The fall of DRDY informs the digital
signal processor that a new data word is avail-
able. The processor then reads the port and
acknowledges the transfer by asserting DACK.
Note that DRDY will not be asserted again un-
less DACK is momen tarily b ro ught high
although new data will continue to be latched
onto the port.
Digital Audio Standard Interface
Included on the evaluation board is a CS8402
Digital Audio Line Driver. This device can im-
plement AES/EBU, S/PDIF and EIAJ CP-340
interface standards. Figure 4 shows the sche-
matic for the CS8402. P3 allows the C, U and V
bits to be driven from external logic using the
CBL output for block synchronization. SW2 pro-
vides 8 DIP switches to select various modes
and bits for the CS8402. Table 3 lists the settings
for the professional mode which is the default
setting for the evaluation board from the factory.
The third switch selects between professional
U9
A-to-B
B-to-A
A4
B4
VCC
GND
B1
B2
B3
VD+
A1
A2
A3
SCLK
FSYNC
L/R
Enable
Enable
13
VD+
R8
20 k
SMODE
SCLK
FSYNC
SDATA
R9
20 k
R10
20 k
9
10
11
1
13
14
7
3
4
5
8
6
15
17
14
16
910
8
U8C
VD+
SDATA
SDATA
SDATA
L/R
L/R
FSYNC
SCLK
74HC08
74HC243
0.1 uF
C20
U8B
4
5
6
5336/38
5337/39
34
U7B
Pin 11
U4, U5
595’s
CS8402
Pin 6
P4
Figure 5. Serial Output Interface
CDB5336,8,9
DS23DB5
3-65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com