Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5336 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS5336
Description  16-Bit, Stereo A/D Converters for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5336 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS5336 Datasheet HTML 21Page - Cirrus Logic CS5336 Datasheet HTML 22Page - Cirrus Logic CS5336 Datasheet HTML 23Page - Cirrus Logic CS5336 Datasheet HTML 24Page - Cirrus Logic CS5336 Datasheet HTML 25Page - Cirrus Logic CS5336 Datasheet HTML 26Page - Cirrus Logic CS5336 Datasheet HTML 27Page - Cirrus Logic CS5336 Datasheet HTML 28Page - Cirrus Logic CS5336 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
Analog Inputs
As shown in Figure 2, the analog input signals
are connected to the CS5336 via an RC network.
R1 and C1 provide antialiasing and optimum
source impedance for the right analog input
channel while R2 and C2 do so for the left chan-
nel. The ZEROR and ZEROL inputs are tied to
the analog ground plane on the board as shipped
from the factory, but space is provided for an op-
tional RC section on each. These RC sections
may be added to model the output impedance of
the analog signal source to minimize offset error
during calibration.
Figure 3 shows the optional input buffer circuit.
This can be used as an example input buffer cir-
cuit for your application. If the ADC is driven
from a 50
Ω source impedance signal generator,
the input buffer amplifiers may be bypassed.
Place P8 and P9 jumpers in the OUT position,
and short circuit R1 and R2. This ensures that
the ADC is driven from a 50
Ω source resis-
tance. Also remove U13 op-amp, to remove the
1k
Ω load impedance.
Timing Generator
P7 selects the master clock source supplied to
the ICLKD pin of the converter. As shipped from
the factory, P7 is set to the "INT" position to
select the 12.288 MHz clock signal provided by
U3. An external master clock signal may be con-
nected to the EXTCLKIN connector and selected
by placing P7 in the "EXT" position. Note that
R6, tied between EXTCLKIN and GND, is
available for impedance matching an external
clock source. The board is shipped with SMODE
high, which selects MASTER timing mode. In
this mode, SCLK, L/R and FSYNC are all out-
puts, generated by the converter from ICLKD.
Serial Output Interface
The serial output interface is provided by the
SDATA, SCLK, FSYNC an d L/R
B NC
connectors on the evaluation board. These out-
_
+
U13A
VA+
0.1 uF
8
1 k
R22
4
VA-
0.1 uF
1
2
3
1 k
R21
R1, Fig 2
U13B
1 k
R24
7
6
5
1 k
R23
R2, Fig 2
AINL
AINR
IN
OUT
IN
OUT
P9
P8
C32
C33
_
+
MC33078P
Figure 3. Input Buffer Circuit
CDB5336,8,9
DS23DB5
3-63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com