Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5336 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5336
Description  16-Bit, Stereo A/D Converters for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5336 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5336 Datasheet HTML 10Page - Cirrus Logic CS5336 Datasheet HTML 11Page - Cirrus Logic CS5336 Datasheet HTML 12Page - Cirrus Logic CS5336 Datasheet HTML 13Page - Cirrus Logic CS5336 Datasheet HTML 14Page - Cirrus Logic CS5336 Datasheet HTML 15Page - Cirrus Logic CS5336 Datasheet HTML 16Page - Cirrus Logic CS5336 Datasheet HTML 17Page - Cirrus Logic CS5336 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Digital Filter
Figures 12 through 17 show the performance of
the digital filter included in the ADC. All the plots
assume an output word rate of 48 kHz. The filter
frequency response will scale precisely with
changes in output word rate. The passband ripple
is flat to
± 0.01 dB maximum. Stopband rejection
is greater than 80 dB.
Figures 12,14 &16 show the CS5338 and CS5339
filter characteristics. Figure 17 is an expanded
view of the transition band.
Figures 13,15 & 17 show the CS5336 filter char-
acteristics. Figure 17 is an expanded view of the
transition band.
Figure 11. CS5336 Differential Non-Linearity Plot
0
65,535
Codes
32,768
+1
0
-1
+1/2
-1/2
CS5336, CS5338, CS5339
3-52
DS23F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com