Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5336 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5336
Description  16-Bit, Stereo A/D Converters for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5336 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5336 Datasheet HTML 8Page - Cirrus Logic CS5336 Datasheet HTML 9Page - Cirrus Logic CS5336 Datasheet HTML 10Page - Cirrus Logic CS5336 Datasheet HTML 11Page - Cirrus Logic CS5336 Datasheet HTML 12Page - Cirrus Logic CS5336 Datasheet HTML 13Page - Cirrus Logic CS5336 Datasheet HTML 14Page - Cirrus Logic CS5336 Datasheet HTML 15Page - Cirrus Logic CS5336 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
with the ADC straddling the boundary. All sig-
nals, especially clocks, should be kept away from
the VREF pin in order to avoid unwanted cou-
pling into the modulators. The VREF decoupling
capacitors, particularly the 0.1
µF, must be posi-
tioned to minimize the electrical path from VREF
to Pin 1 AGND and to minimize the path between
VREF and the capacitors. An evaluation board is
available which demonstrates the optimum layout
and power supply arrangements, as well as allow-
ing fast evaluation of the ADC.
To minimize digital noise, connect the ADC digi-
tal outputs only to CMOS inputs.
Synchronization of Multiple CS5336/8/9
In systems where multiple ADC’s are required,
care must be taken to insure that the ADC internal
clocks are synchronized between converters to in-
sure simultaneous sampling. In the absence of this
synchronization, the sampling difference could be
one ICLKD period which is typically 81.4 nsec
for a 48 kHz sample rate.
SLAVE MODE
Synchronous sampling in the slave mode is
achieved by connecting all DPD and APD pins to
a single control signal and supplying the same
ICLKD and L/R to all converters.
MASTER MODE
The internal counters of the CS5336/8/9 are reset
during DPD/APD high and will start simultane-
ously by insuring that the release of DPD/APD
for all converters is internally latched on the same
rising edge of ICLKD. This can be achieved by
connecting all DPD/APD pins to
the same
control signal and insuring that the DPD/APD
falling edge occurs outside a
±30 ns window
either side of an ICLKD rising edge.
PERFORMANCE
FFT Tests
For FFT based tests, a very pure sine wave is pre-
sented to the ADC, and an FFT analysis is
performed on the output data. The resulting spec-
trum is a measure of the performance of the ADC.
Figure 7 shows the spectral purity of the CS5336
with a 1 kHz, -10 dB input. Notice the low noise
floor, the absence of any harmonic distortion, and
the Dynamic Range value of 95.41 dB.
Figure 8 shows the CS5336 high frequency per-
formance. The input signal is a -10 dB, 9 kHz
sine wave. Notice the small 2nd harmonic at
110 dB down.
Figure 9 shows the low-level performance of the
CS5336. Notice the lack of any distortion compo-
nents. Traditional R-2R ladder based ADC’s can
have problems with this test, since differential
non-linearities around the zero point become very
significant. Figure 10 shows the same very low
input amplitude performance, but at 9kHz input
frequency.
CS5336, CS5338, CS5339
3-50
DS23F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com