Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5336 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5336
Description  16-Bit, Stereo A/D Converters for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5336 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5336 Datasheet HTML 16Page - Cirrus Logic CS5336 Datasheet HTML 17Page - Cirrus Logic CS5336 Datasheet HTML 18Page - Cirrus Logic CS5336 Datasheet HTML 19Page - Cirrus Logic CS5336 Datasheet HTML 20Page - Cirrus Logic CS5336 Datasheet HTML 21Page - Cirrus Logic CS5336 Datasheet HTML 22Page - Cirrus Logic CS5336 Datasheet HTML 23Page - Cirrus Logic CS5336 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
PARAMETER DEFINITIONS
Resolution - The total number of possible output codes is equal to 2
N, where N = the number of bits
in the output word for each channel.
Dynamic Range - Full scale (RMS) signal to broadband noise ratio. The broadband noise is measured
over the specified bandwidth, and with an input signal 60dB below full-scale. Units in decibels.
Signal-to-(Noise plus Distortion) Ratio - The ratio of the rms value of the signal to the rms sum of all
other spectral components over the specified bandwidth (typically 10 Hz to 20 kHz), including
distortion components. Expressed in decibels.
Total Harmonic Distortion - The ratio of the rms sum of all harmonics up to 20 kHz to the rms value
of the signal. Units in percent.
Interchannel Phase Deviation - The difference between the left and right channel sampling times.
Interchannel Isolation - A measure of crosstalk between the left and right channels. Measured for
each channel at the converter’s output with the input under test grounded and a full-scale signal
applied to the other channel. Units in decibels.
Interchannel Gain Mismatch - The
gain difference between
left and right channels. Units in
decibels.
Gain Error - The deviation of the measured full scale amplitude from the ideal full scale amplitude
value.
Gain Drift - The change in gain value with temperature. Units in ppm/
°C.
Bipolar Offset Error - The deviation of the mid-scale transition (111...111 to 000...000) from the ideal
(1/2 LSB below AGND). Units in LSBs.
CS5336, CS5338, CS5339
3-58
DS23F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com