Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5336 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5336
Description  16-Bit, Stereo A/D Converters for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5336 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5336 Datasheet HTML 20Page - Cirrus Logic CS5336 Datasheet HTML 21Page - Cirrus Logic CS5336 Datasheet HTML 22Page - Cirrus Logic CS5336 Datasheet HTML 23Page - Cirrus Logic CS5336 Datasheet HTML 24Page - Cirrus Logic CS5336 Datasheet HTML 25Page - Cirrus Logic CS5336 Datasheet HTML 26Page - Cirrus Logic CS5336 Datasheet HTML 27Page - Cirrus Logic CS5336 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
CS5336
VA-
APD
DPD
ACAL
DCAL
5
6
7
9
VA+
AINR
27
ZEROL
3
ZEROR
26
AGND
1
VD+
VL+
4
0.1 uF
1 uF
VREF
28
+
0.1 uF
1 uF
+
0.1 uF
51
U1
1 uF
+
0.1 uF
NC
NC
8
22
TST
11
DGND
19
LGND
24
10 nF
51
AINL
2
10 nF
R4*
C4*
R3*
C3*
NPO
NPO
C1
C2
R1
R2
25
18
C5
C6
L1
C10
C11
C12
R5
C7
10
P6
AIN
ZERO
14
SDATA
16
Cal
SDATA
L/R
C13
VD+
VL+
VA+
DCAL
L/R
L/R
SDATA
VA-
VD+
VA+
VA-
0.1 uF
+
C17
C16
10 uF
Cal
CMODE
SMODE
R7
12
13
20 k
VD+
SCLK
15
SCLK
SCLK
FSYNC
17
FSYNC
FSYNC
ICLKD
Oscillator
Module
C15
0.1 uF
8
12.288 MHz
7
14
VD+
NC
1
P7
EXT
R6*
CLKIN
20
OCLKD
ICLKA
ICLKA
21
23
VD+
1
2
714
MCK
8402
3
C14
0.1 uF
U8A
ICLKD
EXT
INT
10 nF
10 nF
51
51
51
75
* Optional
U3
Pins 1,13
U9
From
Buffers
Fig 3
CS5338
CS5339
Figure 2 ADC Connections
CDB5336,8,9
3-62
DS23DB5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com