Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5533B Datasheet(PDF) 23 Page - Microchip Technology

Part # USB5533B
Description  3-Port SS/HS USB Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5533B Datasheet(HTML) 23 Page - Microchip Technology

Back Button USB5533B Datasheet HTML 19Page - Microchip Technology USB5533B Datasheet HTML 20Page - Microchip Technology USB5533B Datasheet HTML 21Page - Microchip Technology USB5533B Datasheet HTML 22Page - Microchip Technology USB5533B Datasheet HTML 23Page - Microchip Technology USB5533B Datasheet HTML 24Page - Microchip Technology USB5533B Datasheet HTML 25Page - Microchip Technology USB5533B Datasheet HTML 26Page - Microchip Technology USB5533B Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001680C-page 23
USB5533B
In this configuration, the UCS1002 is utilized as an SMBus enabled port power switch and all charging port handshaking
on the D+/D- signals are controlled directly from the USB5533B. An example implementation can be seen in Figure 4-
14.
FIGURE 4-14:
UCS1002 CHARGING IMPLEMENTATION
D-
5V
USB553x
D+
USB2DM_DN1
USB2DP_DN1
SSRX-
SSRX+
USB3DM_RXDN1
USB3DP_RXDN1
SSTX-
SSTX+
USB3DM_TXDN1
USB3DP_TXDN1
0.1uF
0.1uF
GND1
GND2
Vbus
100uF
ShL1
ShL2
ShR1
ShR2
0.1uF
Shield
Port 1 USB 3
A-Type
Receptacle
330
VBUS1
VBUS2
SMCLK/S0
SMDATA/LATCH
ALERT
DPIN
M1
M2
UCS1002
PRT_CTL1
DMIN
DPOUT
DMOUT
EM_EN
COMM_SEL
SEL
47K
33K
10K
TRST/DYNCPDIS_N/
UCS_SMBALERT_N
3.3V
TCK/OCS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com