Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5533B Datasheet(PDF) 65 Page - Microchip Technology

Part # USB5533B
Description  3-Port SS/HS USB Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5533B Datasheet(HTML) 65 Page - Microchip Technology

Back Button USB5533B Datasheet HTML 61Page - Microchip Technology USB5533B Datasheet HTML 62Page - Microchip Technology USB5533B Datasheet HTML 63Page - Microchip Technology USB5533B Datasheet HTML 64Page - Microchip Technology USB5533B Datasheet HTML 65Page - Microchip Technology USB5533B Datasheet HTML 66Page - Microchip Technology USB5533B Datasheet HTML 67Page - Microchip Technology USB5533B Datasheet HTML 68Page - Microchip Technology USB5533B Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 71 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001680C-page 65
USB5533B
Rev. 1.2
(05-31-13)
All
Removed industrial temp. SKU information from
document.
Section 6.1, "Maximum
Ratings," on page 55
Added maximum power consumption row/data to
table.
Section 6.2, "Operating
Conditions," on page 55
Added maximum die temperature row/data to table.
Section 6.3, "Power
Consumption," on page 56
Added power consumption numbers
Note 3-1 on page 11 and
Note 3-3 on page 11
Updated note to reflect configuration straps are
enabled by default.
Pin Information on page 7
Updated TRST pin description with the following
note: “If using the SMBus interface, a pull-up on this
signal will enable Legacy Mode, while leaving it
unconnected or pulled-down will enable Advanced
Mode.”
Package Drawing on page 62 Updated recommended land pattern drawings and
information.
Rev. 1.1
(03-05-13)
Ordering Codes
Updated ordering codes to for A2 material
Ordering Codes
Corrected tape and reel quantity from 3000 to 2500.
Section 3.2, "Pin Descriptions
(Grouped by Function)," on
page 8
Added Note 3-1 and Note 3-3 explaining the
configuration strap functions on the PRT_PWRx
and OCSx pins.
Section 4.1.2, "Operation of
the Dual Hi-Speed Read
Sequence," on page 14
Updated first sentence to state that dual data mode
is supported only at an SPI speed of 30 MHz
Standard Interface
Connections on page 13
Clarified interface ordering explanation.
Section 4.2, "SMBus Slave
Interface," on page 18
Removed “either an external I2C (if present) and”
from last sentence of section.
Section 4.2, "SMBus Slave
Interface," on page 18
Added additional sentence: “For operation in
SMBus Legacy Mode, an additional pull-up resistor
is required on TRST.”
Section 5.5, "SMBus Slave
Interface," on page 29,
FIGURE 5-6: SMBus
Commands on page 30,
FIGURE 5-5: Block Read on
page 30
Updated “register address” references to “SMBus
RAM buffer offset”.
SPI_DO pin description &
Added note to describe the SPI_SPD_SEL
configuration strap function on the SPI_DO.
All
Removed references to GPIOs and LEDs
Rev. 1.0
(09-06-12)
All
Initial revision.
TABLE A-1:
DATA SHEET REVISION HISTORY (CONTINUED)
Revision Level & Date
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com