Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5533B Datasheet(PDF) 24 Page - Microchip Technology

Part # USB5533B
Description  3-Port SS/HS USB Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5533B Datasheet(HTML) 24 Page - Microchip Technology

Back Button USB5533B Datasheet HTML 20Page - Microchip Technology USB5533B Datasheet HTML 21Page - Microchip Technology USB5533B Datasheet HTML 22Page - Microchip Technology USB5533B Datasheet HTML 23Page - Microchip Technology USB5533B Datasheet HTML 24Page - Microchip Technology USB5533B Datasheet HTML 25Page - Microchip Technology USB5533B Datasheet HTML 26Page - Microchip Technology USB5533B Datasheet HTML 27Page - Microchip Technology USB5533B Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
USB5533B
DS00001680C-page 24
 2012 - 2015 Microchip Technology Inc.
5.0
FUNCTIONAL OPERATION
This chapter details the functional operation of various device features.
5.1
Charging Port Configuration
The USB5533B supports downstream charging ports on any available port. The hub contains internal hardware and
algorithms to natively support various voltage levels on the D+/D- signals along with the BC 1.2 Handshaking protocol,
allowing charging devices to detect the downstream port as a charging port.
A port can be configured for either RapidCharge support or Samsung Legacy Charging mode support. This section
details the various charging port modes. The following terminology will be helpful in the understanding of these features:
• SDP - Standard Downstream Port - A port that is not operating as a charging port and has active USB communi-
cations.
• CDP - Charging Downstream Port - A port that is operating as a charging port and has active USB communica-
tions.
• DCP - Dedicated Charging Port - A port that is operating as a charging port but has no USB communications.
• S0 - Normal system power state in full run.
• S3 - Typically a Sleep state, where the system can be woken from USB HID devices
• S4 - Typically a Hibernate sleep state, where the system state is stored to a hard drive and does not support wake
from USB HID devices.
• S5 - Typically an OFF state for a system.
5.1.1
RAPID CHARGE
This mode enables concurrent operation of Apple, BC 1.2 and DP/DM Shorted Emulation charging. The only applicable
options are to choose Apple 1A or Apple 2A charging mode on a per port basis. Refer to Section 5.2.1.1, "Apple
Charging Mode," on page 26.
5.1.2
SAMSUNG LEGACY CHARGING
This mode drives a specified voltage on the DP/DM lines to allow legacy Samsung devices to detect the port as
Charging capable. This is only operational in DCP modes.
5.1.3
DYNAMIC CHARGING PORT (6080 ONLY)
Dynamic Charging Port support utilizes the device’s DYNCPDIS_N pin to disable Battery Charging support globally
when low and, when high, allow any ports configured as Charging Ports (either through a configuration file or straps) to
resume their Battery Charging operation in the configured Charging mode.
This feature is currently supported only when using standard USB port power controllers. Please contact your Microchip
FAE if required to use this feature with other port power controller configurations.
Figure 5-1, Figure 5-2, and Figure 5-3 detail the operation of Dynamic Charging Port in the S0, S3, and S4/S5 power
modes, respectively. For any of the flow diagram transitions, there is a Y/Z nomenclature.
Y = Dynamic BC enable signal
Z = Device attached and sensed by device
Note:
Apple and DP/DM Shorted Emulation charging modes are only operational in DCP mode.
Note:
The Dynamic Charging Port feature and related DYNCPDIS_N pin function is available in the “-6080” ver-
sion of the device only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com