Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5533B Datasheet(PDF) 55 Page - Microchip Technology

Part # USB5533B
Description  3-Port SS/HS USB Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5533B Datasheet(HTML) 55 Page - Microchip Technology

Back Button USB5533B Datasheet HTML 51Page - Microchip Technology USB5533B Datasheet HTML 52Page - Microchip Technology USB5533B Datasheet HTML 53Page - Microchip Technology USB5533B Datasheet HTML 54Page - Microchip Technology USB5533B Datasheet HTML 55Page - Microchip Technology USB5533B Datasheet HTML 56Page - Microchip Technology USB5533B Datasheet HTML 57Page - Microchip Technology USB5533B Datasheet HTML 58Page - Microchip Technology USB5533B Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 71 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001680C-page 55
USB5533B
6.0
DC PARAMETERS
6.1
Maximum Ratings
Note 1: Stresses above the specified parameters could cause permanent damage to the device. This is a stress rat-
ing only. Therefore, functional operation of the device at any condition above those indicated in the operation
sections of this specification are not implied.
2: When powering this device from laboratory or system power supplies, it is important that the absolute max-
imum ratings not be exceeded or device failure can result. Some power supplies exhibit voltage spikes on
their outputs when the AC power is switched on or off. In addition, voltage transients on the AC power line
may appear on the DC output. When this possibility exists, it is suggested that a clamp circuit be used.
6.2
Operating Conditions
Parameter
Symbol
MIN
MAX
Units
Comments
Storage Temperature
TA
-55
150
°C
Lead Temperature
°C
Refer to JEDEC Specification J-STD-
020D.
1.25 V supply voltage
VDD12
-0.5
1.6
V
3.3 V supply voltage
VDD33
-0.5
4.0
V
Voltage on USB+ and
USB- pins
-0.5
(3.3 V supply
voltage + 2)
6
V
Voltage on any signal
powered by VDD33
rail
-0.5
VDD33 + 0.3
V
Voltage on any signal
pin powered by the
VDD12
-0.5
VDD12 + 0.3
V
HBM ESD
Performance
2kV
Power Consumption
1.6
W
Parameter
Symbol
MIN
MAX
Units
Comments
USB5533B Operating
Temperature
TA
070
°C
Die Temperature
TJ
115
°C
1.25 V supply voltage
VDD12
1.22
1.31
V
3.3 V supply voltage
VDD33
3.0
3.6
V
1.25 V supply rise time tRT
0400
s(Table 6-1)
3.3 V supply rise time
tRT
0400
s(Table 6-1)
Voltage on
USB+ and USB- pins
-0.3
5.5
V
If any 3.3 V supply voltage drops
below 3.0 V, then the MAX
becomes:
(3.3 V supply voltage) + 0.5
 5.5
Voltage on any signal
powered by VDD33 rail
-0.3
VDD33
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com