Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5533B Datasheet(PDF) 20 Page - Microchip Technology

Part # USB5533B
Description  3-Port SS/HS USB Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5533B Datasheet(HTML) 20 Page - Microchip Technology

Back Button USB5533B Datasheet HTML 16Page - Microchip Technology USB5533B Datasheet HTML 17Page - Microchip Technology USB5533B Datasheet HTML 18Page - Microchip Technology USB5533B Datasheet HTML 19Page - Microchip Technology USB5533B Datasheet HTML 20Page - Microchip Technology USB5533B Datasheet HTML 21Page - Microchip Technology USB5533B Datasheet HTML 22Page - Microchip Technology USB5533B Datasheet HTML 23Page - Microchip Technology USB5533B Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 71 page
background image
USB5533B
DS00001680C-page 20
 2012 - 2015 Microchip Technology Inc.
4.3
Reset
There are two different resets that the device experiences. One is a hardware reset (either from the internal POR reset
circuit or via the RESET_N pin) and the second is a USB Bus Reset.
4.3.1
INTERNAL POR
All reset timing parameters are guaranteed by design.
4.3.2
EXTERNAL HARDWARE RESET
A valid hardware reset is defined as assertion of RESET_N for a minimum of 1
s after all power supplies are within
operating range.
Assertion of RESET_N (external pin) causes the following:
1.
The PHY is disabled, and the differential pairs will be in a high-impedance state.
2.
All transactions immediately terminate; no states are saved.
3.
All internal registers return to the default state.
4.
The external crystal oscillator is halted.
5.
The PLL is halted.
4.4
Standard Port Power Configuration
The device natively operates with standard port power controllers or poly-fuse devices for the downstream port powers
when battery charging is not enabled on a port. It is not recommended to have the downstream ports of a single device
mix poly-fuse and standard power controller support, as the configuration of the hub cannot correctly report which ports
are poly-fuse and which are port power controllers to the host.
Any port without battery charging can also be used in individual port power controls or ganged power controls. The port
power control output only supports either Ganged or Individual modes on a global basis for all downstream ports.
The overcurrent setting also supports individual or global settings, but also adds the ability to configure specific ports to
be part of an overcurrent gang with others setup for individual connections. This hybrid configuration should only be
used when utilizing poly-fuse power devices.
4.4.1
PORT POWER CONTROLLER
The most common method for downstream port power controls is to utilize current-limited power switches for USB appli-
cations. The devices allow the downstream port powers to be enabled through a control signal and report over-current
conditions through a flag output.
Two connection methods are possible for these controllers, Combined mode and Independent mode.
In Combined mode, the FLG and EN signals are tied together with an external 10K ohm pull-up and driven to a single
PRT_CTL signal on the device, as shown in Figure 4-11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com