Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5533B Datasheet(PDF) 36 Page - Microchip Technology

Part # USB5533B
Description  3-Port SS/HS USB Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5533B Datasheet(HTML) 36 Page - Microchip Technology

Back Button USB5533B Datasheet HTML 32Page - Microchip Technology USB5533B Datasheet HTML 33Page - Microchip Technology USB5533B Datasheet HTML 34Page - Microchip Technology USB5533B Datasheet HTML 35Page - Microchip Technology USB5533B Datasheet HTML 36Page - Microchip Technology USB5533B Datasheet HTML 37Page - Microchip Technology USB5533B Datasheet HTML 38Page - Microchip Technology USB5533B Datasheet HTML 39Page - Microchip Technology USB5533B Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 71 page
background image
USB5533B
DS00001680C-page 36
 2012 - 2015 Microchip Technology Inc.
Note 5-1
Status registers do not have a default value because the status can change depending on system
conditions.
093Eh
R/W
PRT_PWR_PU
Port Power Pull-up Resistor Register
00h
3C00h
R/W
PRT_PWR_SEL1
Port 1 Power Select Register
03h
3C04h
R/W
PRT_PWR_SEL2
Port 2 Power Select Register
03h
3C08h
R/W
PRT_PWR_SEL3
Port 3 Power Select Register
03h
3C20h
R/W
OCS_CFG_SEL1
Port 1 OCS Select Register
01h
3C24h
R/W
OCS_CFG_SEL2
Port 2 OCS Select Register
01h
3C28h
R/W
OCS_CFG_SEL3
Port 3 OCS Select Register
01h
5246h
R/W
CDP_DETECT
Charging Downstream Detected Register
Note 5-1
525Ah
R/W
OSC_GANG
OCS Gang Control Register
00h
525Bh
R/W
OCS_GANG_GPIO
OCS Gang Signal Select Register
00h
60CAh
R/W
HS_UP_BOOST
USB Upstream Boost Register
00h
60CCh
R/W
HS_UP_SENSE
USB Upstream VariSense Register
00h
61C0h
R/W
SS_UP_STATE
USB3 Upstream Link State Register
Note 5-1
64CAh
R/W
HS_P1_BOOST
USB Port 1 Boost Register
00h
64CCh
R/W
HS_P1_SENSE
USB Port 1 VariSense Register
00h
65C0h
R/W
SS_P1_STATE
USB3 Port 1 Link State
Note 5-1
68CAh
R/W
HS_P2_BOOST
USB Port 2 Boost Register
00h
68CCh
R/W
HS_P2_SENSE
USB Port 2 VariSense Register
00h
69C0h
R/W
SS_P2_STATE
USB3 Port 2 Link State
Note 5-1
6CCAh
R/W
HS_P3_BOOST
USB Port 3 Boost Register
00h
6CCCh
R/W
HS_P3_SENSE
USB Port 3 Varisense Register
00h
6DC0h
R/W
SS_P3_STATE
USB3 Port 3 Link State
Note 5-1
TABLE 5-12:
CONFIGURATION REGISTER MEMORY MAP (CONTINUED)
ADDR
R/W
Name
Function
INIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com