Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5533B Datasheet(PDF) 39 Page - Microchip Technology

Part # USB5533B
Description  3-Port SS/HS USB Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5533B Datasheet(HTML) 39 Page - Microchip Technology

Back Button USB5533B Datasheet HTML 35Page - Microchip Technology USB5533B Datasheet HTML 36Page - Microchip Technology USB5533B Datasheet HTML 37Page - Microchip Technology USB5533B Datasheet HTML 38Page - Microchip Technology USB5533B Datasheet HTML 39Page - Microchip Technology USB5533B Datasheet HTML 40Page - Microchip Technology USB5533B Datasheet HTML 41Page - Microchip Technology USB5533B Datasheet HTML 42Page - Microchip Technology USB5533B Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001680C-page 39
USB5533B
5.6.2
LED0/PIO0 REGISTER 1
5.6.3
LED0/PIO0 REGISTER 2
TABLE 5-19:
LED0/PIO0 REGISTER 1
LED0_CTL1
(0X0806)
LED0_PIO0 Control Register
Bit
Name
R/W
Description
7
XNOR
R/W
This bit toggles the polarity of the LED output. It can be used to invert the
polarity.
6
MODE
R/W
0 - Blink the LED.
1 - Breath the LED.
5:0
RATE
R/W
In Blink mode: This is the Blink Rate of LED in 50 ms increments. Duty
cycle of 50%. Rate range is 50 ms to 3.15 seconds.
In Breath mode: This is the time for an active breadth in 500 ms
increments.
TABLE 5-20:
LED0/PIO0 REGISTER 2
LED0_CTL2
(0X0807)
LED0_PIO0 Control Register 2
Bit
Name
R/W
Description
7:2
TRAILOFF_TIME
R/W
In Blink mode: Time the LED must continue blinking after LED_ON is
turned off. TRAIL_TIME is in 50ms increments. Range is 50 ms to 3.15
seconds.
In Breath mode: This is the time for an sleeping in between breadths in
500 ms increments
1
LED_ON
R/W
If LED_ON is set, then start blinking or breathing this LED.
Blink timer starts when this bit is enabled. No short blinks permitted.
When this bit is disabled, blinking stops when TRAIL_TIME expires.
In Breath Mode: Breath timer starts when this bit is enabled. No short
blinks permitted. When this bit is disabled, blinking stops immediately.
0
LED_PIO
R/W
‘0’ = PIO0
‘1’ = LED0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com