Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5533B Datasheet(PDF) 15 Page - Microchip Technology

Part # USB5533B
Description  3-Port SS/HS USB Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5533B Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB5533B Datasheet HTML 11Page - Microchip Technology USB5533B Datasheet HTML 12Page - Microchip Technology USB5533B Datasheet HTML 13Page - Microchip Technology USB5533B Datasheet HTML 14Page - Microchip Technology USB5533B Datasheet HTML 15Page - Microchip Technology USB5533B Datasheet HTML 16Page - Microchip Technology USB5533B Datasheet HTML 17Page - Microchip Technology USB5533B Datasheet HTML 18Page - Microchip Technology USB5533B Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 71 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001680C-page 15
USB5533B
4.1.3
32-BYTE CACHE
There is a 32-byte pipeline cache, and associated with the cache is a base address pointer and a length pointer. Once
the SPI controller detects a jump, the base address pointer is initialized to that address. As each new sequential data
byte is fetched, the data is written into the cache, and the length is incremented. If the sequential run exceeds 32 bytes,
the base address pointer is incremented to indicate the last 32 bytes fetched. If the USB5533B does a jump, and the
jump is in the cache address range, the fetch is done in 1 clock from the internal cache instead of an external access.
4.1.4
INTERFACE OPERATION TO SPI PORT WHEN NOT DOING FAST READS
There is an 8-byte command buffer: SPI_CMD_BUF[7:0]; an 8-byte response buffer: SPI_RESP_BUF[7:0]; and a length
register that counts out the number of bytes: SPI_CMD_LEN. Additionally, there is a self-clearing GO bit in the SPI_CTL
Register. Once the GO bit is set, the device drops SPI_CE_N, and starts clocking. It will put out SPI_CMD_LEN X 8 num-
ber of clocks. After the first byte, the COMMAND, has been sent out, and the SPI_DI is stored in the SPI_RESP buffer.
If the SPI_CMD_LEN is longer than the SPI_CMD_BUF, don’t cares are sent out on the SPI_DO line. This mode is used
for program execution out of internal RAM or ROM.
FIGURE 4-4:
SPI DUAL HI-SPEED READ SEQUENCE
FIGURE 4-5:
SPI INTERNALLY-CONTROLLED OPERATION
SPI_CEN
SPI_CLK
SPI_DO
SPI_DI
8
0B
MSB
HIGH IMPEDANCE
15 16
12 3 4
05
7
6
D1
ADD.
23 24
ADD.
ADD.
X
39 40
31 32
44
47 48
51 52
55 56
59
D2
NN+1
D3
N+2
D4
N+3
D5
N+4
MSB
MSB
D1
D2
N
N+1
D3
N+2
D4
N+3
D5
N+4
MSB
43
Bits-7,5,3,1
Bits-7,5,3,1
Bits-7,5,3,1
Bits-7,5,3,1
Bits-6,4,2,0
Bits-6,4,2,0
Bits-6,4,2,0
Bits-6,4,2,0
Bits-7,5,3,1
Bits-6,4,2,0
SPI
CONTROLLER
SPI
ROM
SPI_RSP_BUF[7:0]
SPI_CMD_BUF[3:0]
SPI_CMD_LEN
CE#
CLK
SI
SO
USB Hub



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com