Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5533B Datasheet(PDF) 56 Page - Microchip Technology

Part # USB5533B
Description  3-Port SS/HS USB Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5533B Datasheet(HTML) 56 Page - Microchip Technology

Back Button USB5533B Datasheet HTML 52Page - Microchip Technology USB5533B Datasheet HTML 53Page - Microchip Technology USB5533B Datasheet HTML 54Page - Microchip Technology USB5533B Datasheet HTML 55Page - Microchip Technology USB5533B Datasheet HTML 56Page - Microchip Technology USB5533B Datasheet HTML 57Page - Microchip Technology USB5533B Datasheet HTML 58Page - Microchip Technology USB5533B Datasheet HTML 59Page - Microchip Technology USB5533B Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 71 page
background image
USB5533B
DS00001680C-page 56
 2012 - 2015 Microchip Technology Inc.
6.3
Power Consumption
This section details the power consumption of the device as measured during various modes of operation. All typical
measurements were taken with power supplies at nominal values (VDD12 = 1.25 V, VDD33 = 3.3 V).
Note 6-1
The Global Suspend typical supply current and power are stated for device version -6080. Version -
5000 has a typical supply current of 9 mA for VDD33, 29 mA for VDD12, and 66 mW of total power
consumption.
TABLE 6-1:
SUPPLY RISE TIME MODEL
Typical
Supply Current (mA)
Typical Power (mW)
VDD33
VDD12
Reset
0.2
5.0
6.9
No VBUS
5.6
25.0
49.7
Global Suspend (Note 6-1)
1.1
8.3
14.0
3 FS Ports
23
70
163
3 HS Ports
46
78
249
3 SS Ports
18
971
1273
3 SS/HS Ports
56
1029
1471
t10%
10%
90%
Voltage
tRTxx
t90%
Time
100%
3.3 V
VSS
VDD33
90%
100%
1.25 V
VDD12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com