Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5533B Datasheet(PDF) 4 Page - Microchip Technology

Part # USB5533B
Description  3-Port SS/HS USB Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5533B Datasheet(HTML) 4 Page - Microchip Technology

  USB5533B Datasheet HTML 1Page - Microchip Technology USB5533B Datasheet HTML 2Page - Microchip Technology USB5533B Datasheet HTML 3Page - Microchip Technology USB5533B Datasheet HTML 4Page - Microchip Technology USB5533B Datasheet HTML 5Page - Microchip Technology USB5533B Datasheet HTML 6Page - Microchip Technology USB5533B Datasheet HTML 7Page - Microchip Technology USB5533B Datasheet HTML 8Page - Microchip Technology USB5533B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
USB5533B
DS00001680C-page 4
 2012 - 2015 Microchip Technology Inc.
1.0
INTRODUCTION
1.1
Conventions
Within this manual, the following abbreviations and symbols are used to improve readability.
1.2
Overview
The USB5533B hub is a 3-port, low-power, configurable Hub Controller fully compliant with the USB 3.0 Specification
2. The USB5533B supports 5 Gbps SuperSpeed (SS), 480 Mbps Hi-Speed (HS), 12 Mbps Full-Speed (FS) and
1.5 Mbps Low-Speed (LS) USB signaling for complete coverage of all defined USB operating speeds.
All required resistors on the USB ports are integrated into the hub. This includes all series termination resistors and all
required pull-down and pull-up resistors on D+ and D- pins. The over-current sense inputs for the downstream facing
ports have internal pull-up resistors.
The USB5533B hub includes programmable features such as:
• MultiTRAKTM Technology (USB 2.0): implements a dedicated Transaction Translator (TT) for each port. Dedi-
cated TTs help maintain consistent full-speed data throughput regardless of the number of active downstream
connections.
• PortSwap (USB 2.0): allows direct alignment of USB signals (D+/D-) to connectors to avoid uneven trace length
or crossing of the USB differential signals on the PCB.
• PHYBoost (USB 2.0): enables 4 programmable levels of USB signal drive strength in downstream port transceiv-
ers. PHYBoost will also attempt to restore USB signal integrity.
As shown on the Product Identification System page, two USB5533B firmware versions are available: “-5000” and “-
6080”. These options differ in the following ways:
• The Dynamic Charging Port feature and related DYNCPDIS_N pin function are only available on the -6080
device. Refer to Section 5.1.3, "Dynamic Charging Port (6080 Only)" for additional details.
• The TRST/DYNCPDIS_N/UCS_SMBALERT_N pin buffer type is “IPU” in the -6080 device and “I” in the -5000
device. Refer to Pin Information on page 7 for additional details.
• The Global Suspend power consumption has been significantly lowered in the -6080 device. Refer to Section 6.3,
"Power Consumption" for additional details.
Example
Description
BIT
Name of a single bit within a field
FIELD.BIT
Name of a single bit (BIT) in FIELD
x…y
Range from x to y, inclusive
BITS[m:n]
Groups of bits from m to n, inclusive
PIN
Pin Name
zzzzb
Binary number (value zzzz)
0xzzz
Hexadecimal number (value zzz)
zzh
Hexadecimal number (value zz)
rsvd
Reserved memory location. Must write 0, read value indeterminate
code
Instruction code, or API function or parameter
Multi Word Name
Used for multiple words that are considered a single unit, such as:
Resource Allocate message, or Connection Label, or Decrement Stack Pointer instruction.
Section Name
Section or Document name.
xDon’t care
<Parameter>
<> indicate a Parameter is optional or is only used under some conditions
{,Parameter}
Braces indicate Parameter(s) that repeat one or more times.
[Parameter]
Brackets indicate a nested Parameter. This Parameter is not real and actually decodes into
one or more real parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com