Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C7300D Datasheet(PDF) 43 Page - Pericom Semiconductor Corporation

Part # PI7C7300D
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300D Datasheet(HTML) 43 Page - Pericom Semiconductor Corporation

Back Button PI7C7300D Datasheet HTML 39Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 40Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 41Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 42Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 43Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 44Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 45Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 46Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 47Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 43 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
5.1
ADDRESS RANGES
PI7C7300D uses the following address ranges that determine which I/O and memory
transactions are forwarded from the primary PCI bus to the secondary PCI bus, and from
the secondary bus to the primary bus:
Two 32-bit I/O address ranges
Two 32-bit memory-mapped I/O (non-prefetchable memory) ranges
Two 32-bit prefetchable memory address ranges
Transactions falling within these ranges are forwarded downstream from the primary PCI
bus to the two secondary PCI buses. Transactions falling outside these ranges are
forwarded upstream from the two secondary PCI buses to the primary PCI bus.
No address translation is required in PI7C7300D. The addresses that are not marked for
downstream are always forwarded upstream. However, if an address of a transaction
initiated from S1 bus is located in the marked address range for down-stream in S2 bus
and not in the marked address range for downstream in S1 bus, the transaction will be
forwarded to S2 bus instead of primary bus. By the same token, if an address of a
transaction initiated from S2 bus is located in the marked address range for downstream
in S1 bus and not in the marked address range for downstream in S2 bus, the transaction
will be forwarded to S1 bus instead of primary bus.
5.2
I/O ADDRESS DECODING
PI7C7300D uses the following mechanisms that are defined in the configuration space to
specify the I/O address space for downstream and upstream forwarding:
I/O base and limit address registers
The ISA enable bit
The VGA mode bit
The VGA snoop bit
This section provides information on the I/O address registers and ISA mode. Section
5.4 provides information on the VGA modes.
To enable downstream forwarding of I/O transactions, the I/O enable bit must be set in
the command register in configuration space. All I/O transactions initiated on the primary
bus will be ignored if the I/O enable bit is not set. To enable upstream forwarding of I/O
transactions, the master enable bit must be set in the command register. If the master-
enable bit is not set, PI7C7300D ignores all I/O and memory transactions initiated on the
secondary bus.
The master-enable bit also allows upstream forwarding of memory transactions
if it is set.
CAUTION
If any configuration state affecting I/O transaction forwarding is changed by a
configuration write operation on the primary bus at the same time that I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com