Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C7300D Datasheet(PDF) 80 Page - Pericom Semiconductor Corporation

Part # PI7C7300D
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300D Datasheet(HTML) 80 Page - Pericom Semiconductor Corporation

Back Button PI7C7300D Datasheet HTML 76Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 77Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 78Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 79Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 80Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 81Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 82Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 83Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 84Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 80 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
14.1.14
I/O BASE REGISTER – OFFSET 1Ch
Bit
Function
Type
Description
3:0
32-bit Indicator
R/O
Read as 01h to indicate 32-bit I/O addressing
7:4
I/O Base Address
[15:12]
R/W
Defines the bottom address of the I/O address range for the bridge
to determine when to forward I/O transactions from one interface to
the other. The upper 4 bits correspond to address bits [15:12] and
are writable. The lower 12 bits corresponding to address bits [11:0]
are assumed to be 0. The upper 16 bits corresponding to address
bits [31:16] are defined in the I/O base address upper 16 bits address
register
Reset to 0
14.1.15
I/O LIMIT REGISTER – OFFSET 1Ch
Bit
Function
Type
Description
11:8
32-bit Indicator
R/O
Read as 01h to indicate 32-bit I/O addressing
15:12
I/O Base Address
[15:12]
R/W
Defines the top address of the I/O address range for the bridge to
determine when to forward I/O transactions from one interface to
the other. The upper 4 bits correspond to address bits [15:12] and
are writable. The lower 12 bits corresponding to address bits [11:0]
are assumed to be FFFh. The upper 16 bits corresponding to
address bits [31:16] are defined in the I/O base address upper 16 bits
address register
Reset to 0
14.1.16
SECONDARY STATUS REGISTER – OFFSET 1Ch
Bit
Function
Type
Description
20:16
Reserved
R/O
Reset to 0
21
66MHz Capable
R/O
Set to 1 to enable 66MHz operation on the secondary (S1 or S2)
interface
Reset to 1
22
Reserved
R/O
Reset to 0
23
Fast Back-to-
Back Capable
R/O
Set to 1 to enable decoding of fast back-to-back transactions on the
secondary (S1 or S2) interface to different targets
Reset to 0
24
Data Parity Error
Detected
R/WC
Set to 1 when S1_PERR# or S2_PERR# is asserted and bit 6 of
command register is set
Reset to 0
26:25
DEVSEL#
timing
R/O
DEVSEL# timing (medium decoding)
00: fast DEVSEL# decoding
01: medium DEVSEL# decoding
10: slow DEVSEL# decoding
11: reserved
Reset to 01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com