Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C7300D Datasheet(PDF) 99 Page - Pericom Semiconductor Corporation

Part # PI7C7300D
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300D Datasheet(HTML) 99 Page - Pericom Semiconductor Corporation

Back Button PI7C7300D Datasheet HTML 95Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 96Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 97Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 98Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 99Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 100Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 101Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 102Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 103Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 99 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
Upon activation of the TRST# reset pin, the latched instruction asynchronously changes
to the id code instruction. When the TAP controller moves into the test state other than
by reset activation, the opcode changes as TDI shifts, and becomes active on the falling
edge of TCK.
16.2
BOUNDARY-SCAN INSTRUCTION SET
The PI7C7300D supports three mandatory boundary-scan instructions (bypass,
sample/preload and extest). The table shown below lists the PI7C7300D’s boundary-scan
instruction codes. The “reserved” code should not be used.
Instruction Code
(binary)
Instruction Name
Instruction Code
(binary)
Instruction Name
0000
EXTEST
0101
Reserved
0001
SAMPLE/PRELOAD
1111
Bypass
Table 16-1 TAP PINS
Instruction
/
Requisite
Opcode (binary)
Description
Extest
IEEE 1149.1
Required
0000
Extest initiates testing of external circuitry, typically board-level
interconnects and off chip circuitry. Extest connects the
boundary-scan register between TDI and TDO. When Extest is
selected, all output signal pin values are driven by values shifted
into the boundary-scan register and may change only of the
falling edge of TCK. Also, when extest is selected, all system
input pin states must be loaded into the boundary-scan register on
the rising-edge of TCK.
Sample/preload
IEEE 1149.1
Required
0001
Sample/preload performs two functions:
1. A snapshot of the sample instruction is captured on the rising
edge of TCK without interfering with normal operation. The
instruction causes boundary-scan register cells associated with
outputs to sample the value being driven.
2. On the falling edge of TCK, the data held in the boundary-scan
cells is transferred to the slave register cells. Typically, the
slave latched data is applied to the system outputs via the
extest instruction.
Idcode
IEEE 1149.1
Required
0101
Reserved
Bypass
IEEE 1149.1
Required
1111
Bypass instruction selects the one-bit bypass register between
TDI and TDO pins. 0 (binary) is the only instruction that
accesses the bypass register. While this instruction is in effect,
all other test data registers have no effect on system operation.
Test data registers with both test and system functionality
perform their system functions when this instruction is selected.
16.3
TAP TEST DATA REGISTERS
The PI7C7300D contains two test data registers (bypass and boundary-scan). Each test
data register selected by the TAP controller is connected serially between TDI and TDO.
TDI is connected to the test data register’s most significant bit. TDO is connected to the
least significant bit. Data is shifted one bit position within the register towards TDO on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com