Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C7300D Datasheet(PDF) 25 Page - Pericom Semiconductor Corporation

Part # PI7C7300D
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300D Datasheet(HTML) 25 Page - Pericom Semiconductor Corporation

Back Button PI7C7300D Datasheet HTML 21Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 29Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 25 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
4.6.2
MEMORY WRITE AND INVALIDATE TRANSACTIONS
Posted write forwarding is used for Memory Write and Invalidate transactions.
The PI7C7300D disconnects Memory Write and Invalidate commands at aligned cache
line boundaries. The cache line size value in the cache line size register gives the number
of DWORD in a cache line.
If the value in the cache line size register does meet the memory write and invalidate
conditions, the PI7C7300D returns a target disconnect to the initiator either on a cache
line boundary or when the posted write buffer fills.
When the Memory Write and Invalidate transaction is disconnected before a cache line
boundary is reached, typically because the posted write buffer fills, the trans-action is
converted to Memory Write transaction.
4.6.3
DELAYED WRITE TRANSACTIONS
Delayed write forwarding is used for I/O write transactions and Type 1 configuration
write transactions.
A delayed write transaction guarantees that the actual target response is returned back to
the initiator without holding the initiating bus in wait states. A delayed write transaction
is limited to a single DWORD data transfer.
When a write transaction is first detected on the initiator bus, and PI7C7300D forwards it
as a delayed transaction, PI7C7300D claims the access by asserting DEVSEL# and
returns a target retry to the initiator. During the address phase, PI7C7300D samples the
bus command, address, and address parity one cycle later. After IRDY# is asserted,
PI7C7300D also samples the first data DWORD, byte enable bits, and data parity. This
information is placed into the delayed transaction queue. The transaction is queued only
if no other existing delayed transactions have the same address and command, and if the
delayed transaction queue is not full. When the delayed write transaction moves to the
head of the delayed transaction queue and all ordering constraints with posted data are
satisfied. The PI7C7300D initiates the transaction on the target bus. PI7C7300D
transfers the write data to the target. If PI7C7300D receives a target retry
in response to the write transaction on the target bus, it continues to repeat the write
transaction until the data transfer is completed, or until an error condition is encountered.
If PI7C7300D is unable to deliver write data after 2
24 (default) or 232 (maximum)
attempts, PI7C7300D will report a system error. PI7C7300D also asserts P_SERR# if the
primary SERR# enable bit is set in the command register. See Section 7.4 for information
on the assertion of P_SERR#. When the initiator repeats the same write transaction (same
command, address, byte enable bits, and data), and the completed delayed transaction is
at the head of the queue, the PI7C7300D claims the access by asserting DEVSEL# and
returns TRDY# to the initiator, to indicate that the write data
was transferred. If the initiator requests multiple DWORD, PI7C7300D also asserts
STOP# in conjunction with TRDY# to signal a target disconnect. Note that only those



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com