Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C7300D Datasheet(PDF) 16 Page - Pericom Semiconductor Corporation

Part # PI7C7300D
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300D Datasheet(HTML) 16 Page - Pericom Semiconductor Corporation

Back Button PI7C7300D Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 13Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 14Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 15Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 16Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 17Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 18Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 19Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 20Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 16 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
Name
Pin #
Type
Description
S1_IRDY#,
S2_IRDY#
H19,
B2
PSTS
Secondary IRDY (Active LOW). Driven by the
initiator of a transaction to indicate its ability to
complete current data phase on the secondary side.
Once asserted in a data phase, it is not de-asserted until
the end of the data phase. Before tri-stated, it is driven
to a de-asserted state for one cycle.
S1_TRDY#,
S2_TRDY#
H18,
A2
PSTS
Secondary TRDY (Active LOW). Driven by the
target of a transaction to indicate its ability to complete
current data phase on the secondary side. Once
asserted in a data phase, it is not de-asserted until the
end of the data phase. Before tri-stated, it is driven to a
de-asserted state for one cycle.
S1_DEVSEL#,
S2_DEVSEL#
J20,
D3
PSTS
Secondary Device Select (Active LOW). Asserted by
the target indicating that the device is accepting the
transaction. As a master, PI7C7300D waits for the
assertion of this signal within 5 cycles of S1_FRAME#
or S2_FRAME# assertion; otherwise, terminate with
master abort. Before tri-stated, it is driven to a de-
asserted state for one cycle.
S1_STOP#,
S2_STOP#
J19,
C3
PSTS
Secondary STOP (Active LOW). Asserted by the
target indicating that the target is requesting the
initiator to stop the current transaction. Before tri-
stated, it is driven to a de-asserted state for one cycle.
S1_LOCK#,
S2_LOCK#
J18,
B3
PSTS
Secondary LOCK (Active LOW). Asserted by the
master for multiple transactions to complete.
S1_PERR#,
S2_PERR#
J17,
D4
PSTS
Secondary Parity Error (Active LOW). Asserted
when a data parity error is detected for data received on
the secondary interface. Before being tri-stated, it is
driven to a de-asserted state for one cycle.
S1_SERR#,
S2_SERR#
K20,
C4
PI
Secondary System Error (Active LOW). Can be
driven LOW by any device to indicate a system error
condition.
S1_REQ#[7:0],
S2_REQ#[6:0]
B11, A12, D13,
C13, C15, A16,
C17, B17
R3, P2, P1, M2,
M1, K1, K3
PIU
Secondary Request (Active LOW). This is asserted
by an external device to indicate that it wants to start a
transaction on the secondary bus. The input is
externally pulled up through a resistor to VDD.
S1_GNT#[7:0]
S2_GNT#[6:0]
C11, B12, B13,
A14, D14, B16,
D16, B18
P4, R1, N4, M3,
L4, L1, K2
PO
Secondary Grant (Active LOW). PI7C7300D asserts
this pin to access the secondary bus. PI7C7300D de-
asserts this pin for at least 2 PCI clock cycles before
asserting it again. During idle and S1_GNT# or S2-
GNT# asserted, PI7C7300D will drive S1_AD,
S1_CBE, and S1_PAR or S2_AD, S2_CBE, and
S2_PAR.
S1_RESET#,
S2_RESET#
B10,
T4
PO
Secondary RESET (Active LOW). Asserted when
any of the following conditions are met:
1.
Signal P_RESET# is asserted.
2.
Secondary reset bit in bridge control register in
configuration space is set.
When asserted, all control signals are tri-stated and
zeroes are driven on S1_AD, S1_CBE, and S1_PAR or
S2_AD, S2_CBE, and S2_PAR.
S1_EN,
S2_EN
W3,
W4
PIU
Secondary Enable (Active HIGH). When S1_EN or
S2_EN is inactive, secondary bus PCI S1 or PCI S2
will be asynchronously tri-stated.
S1_M66EN,
S2_M66EN
D7,
W5
PI
Secondary Interface 66MHz Operation. This input
is used to specify if PI7C7300D is capable of running
at 66MHz on the secondary side. When HIGH, the S1
or S2 bus may run at 66MHz. When LOW, the S1 or
S2 bus may only run at 33MHz.
If P_M66EN is pulled LOW, both S1_M66EN and
S2_M66EN need to be LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com