Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C7300D Datasheet(PDF) 75 Page - Pericom Semiconductor Corporation

Part # PI7C7300D
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300D Datasheet(HTML) 75 Page - Pericom Semiconductor Corporation

Back Button PI7C7300D Datasheet HTML 71Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 72Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 73Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 74Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 75Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 76Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 77Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 78Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 79Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 75 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
14.1
CONFIGURATION REGISTER 1 AND 2
31-24
23-16
15-8
7-0
Address
Device ID
Vendor ID
00h
Status
Command
04h
Class Code
Revision ID
08h
Reserved
Header Type
Primary Latency Timer
Cache Line Size
0Ch
Reserved
10h
Reserved
14h
Secondary Latency
Timer
Subordinate Bus
Number
Secondary Bus
Number
Primary Bus Number
18h
Secondary Status
I/O Limit
I/O Base
1Ch
Memory Limit
Memory Base
20h
Prefetchable Memory Limit
Prefetchable Memory Base
24h
Prefetchable Base Upper 32-bit
28h
Prefetchable Limit Upper 32-bit
2Ch
I/O Limit Upper 16-bit
I/O Base Upper 16-bit
30h
Reserved
ECP Pointer
34h
Reserved
38h
Bridge Control
Reserved
3Ch
Arbiter Control
Diagnostic / Chip Control
40h
Reserved
44h
Upstream Memory Control
Reserved
48h
Hot Swap Switch Time Slot
4Ch
Upstream (S1 or S2 to P) Memory Limit
Upstream (S1 or S2 to P) Memory Base
50h
Upstream (S1 or S2 to P) Memory Base Upper 32-bit
54h
Upstream (S1 or S2 to P) Memory Limit Upper 32-bit
58h
Reserved
5Ch
Reserved
60h
Reserved
P_SERR# Event
Disable
64h
Reserved
Secondary Clock Control
68h
Reserved
6Ch
Reserved
70h
Master Timeout Counter
Port Option
74h
Retry Counter
78h
Sampling Timer
7Ch
Secondary Successful I/O Read Counter
80h
Secondary Successful I/O Write Counter
84h
Secondary Successful Memory Read Counter
88h
Secondary Successful Memory Write Counter
8Ch
Primary Successful I/O Read Counter
90h
Primary Successful I/O Write Counter
94h
Primary Successful Memory Read Counter
98h
Primary Successful Memory Write Counter
9Ch
Reserved
A0h-AFh
Chassis Number
Slot Number
Next Pointer
Capability ID
B0h
Reserved
B4h-BFh
Hot Swap Control and Status
Next Pointer
Capability ID
C0h
Reserved
D0h-FFh
14.1.1
VENDOR ID REGISTER – OFFSET 00h
Bit
Function
Type
Description
15:0
Vendor ID
R/O
Identifies Pericom as vendor of this device. Hardwired as 12D8h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com