Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C7300D Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI7C7300D
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300D Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI7C7300D Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 11Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 13Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 14Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 15Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
1
INTRODUCTION
PRODUCT DESCRIPTION
The PI7C7300D is Pericom Semiconductor’s second-generation PCI-PCI Bridge and is
an updated revision to the PI7C7300A. It is designed to be fully compliant with the 32-
bit, 66MHz implementation of the PCI Local Bus Specification, Revision 2.2. The
PI7C7300D supports only synchronous bus transactions between devices on the Primary
Bus running at 33MHz to 66MHz and the Secondary Buses operating at either 33MHz or
66MHz. The Primary and Secondary Buses can also operate in concurrent mode,
resulting in added increase in system performance. Concurrent bus operation off-loads
and isolates unnecessary traffic from the Primary Bus; thereby enabling a master and a
target device on the same Secondary PCI Bus to communicate even while the Primary
Bus is busy. In addition, the Secondary Buses have load balancing capability, allowing
faster devices to be isolated away from slower devices. Among the other features
supported by the PI7C7300D are: support for up to 15 devices on the Secondary Buses,
Compact PCI Hot Swap (PICMG 2.1, R1.0) Friendly Support and Dual Addressing
Cycle.
PRODUCT FEATURES
•
32-bit Primary and Two Secondary Ports run up to 66MHz
•
All 3 ports compliant with the PCI Local Bus Specification, Revision 2.2
•
Compliant with PCI-to-PCI Bridge Architecture Specification, Revision 1.1.
-
All I/O and memory commands
-
Type 1 to Type 0 configuration conversion
-
Type 1 to Type 1 configuration forwarding
-
Type 1 configuration write to special cycle conversion
•
Concurrent Primary to Secondary Bus operation and independent intra-Secondary
Port channel to reduce traffic on the Primary Port
•
Provides internal arbitration for one set of eight secondary bus masters (S1 bus) and
one set of seven (eight if Hot Swap is disabled) secondary bus masters (S2 bus)
-
Programmable 2-level priority arbiter
-
Disable control for use of external arbiter
•
Supports posted write buffers in all directions
•
Three 128 byte FIFO’s for delay transactions
•
Three 128 byte FIFO’s for posted memory transactions
•
Enhanced address decoding
-
32-bit I/O address range
-
32-bit memory-mapped I/O address range
-
VGA addressing and VGA palette snooping
-
ISA-aware mode for legacy support in the first 64KB of I/O address range
•
Dual Addressing cycle (64-bit)
•
Supports system transaction ordering rules
•
Tri-state control of output buffers on secondary buses
•
Compact PCI Hot Swap (PICMG 2.1, R1.0) Friendly Support
•
Industrial Temperature range –40°C to 85°C
•
IEEE 1149.1 JTAG interface support
•
3.3V core; 3.3V PCI I/O interface with 5V I/O tolerance
•
272-pin plastic BGA package
Page 11 of 107
Pericom Semiconductor
November 2005 - Revision 1.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com