Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C7300D Datasheet(PDF) 23 Page - Pericom Semiconductor Corporation

Part # PI7C7300D
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300D Datasheet(HTML) 23 Page - Pericom Semiconductor Corporation

Back Button PI7C7300D Datasheet HTML 19Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 20Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 21Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 27Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 23 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
4.4
DEVICE SELECT (DEVSEL#) GENERATION
PI7C7300D always performs positive address decoding (medium decode) when
accepting transactions on either the primary or secondary buses. PI7C7300D never does
subtractive decode.
4.5
DATA PHASE
The address phase of a PCI transaction is followed by one or more data phases.
A data phase is completed when IRDY# and either TRDY# or STOP# are asserted.
A transfer of data occurs only when both IRDY# and TRDY# are asserted during the
same PCI clock cycle. The last data phase of a transaction is indicated when FRAME# is
de-asserted and both TRDY# and IRDY# are asserted, or when IRDY# and STOP# are
asserted. See Section 4.9 for further discussion of transaction termination.
Depending on the command type, PI7C7300D can support multiple data phase
PCI transactions. For detailed descriptions of how PI7C7300D imposes disconnect
boundaries, see Section 4.6.4 for write address boundaries and Section 4.7.3 read address
boundaries.
4.6
WRITE TRANSACTIONS
Write transactions are treated as either posted write or delayed write transactions.
Table 4-2 shows the method of forwarding used for each type of write operation.
Table 4-2 WRITE TRANSACTION FORWARDING
Type of Transaction
Type of Forwarding
Memory Write
Posted (except VGA memory)
Memory Write and Invalidate
Posted
Memory Write to VGA memory
Delayed
I/O Write
Delayed
Type 1 Configuration Write
Delayed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com