Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C7300DNA Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI7C7300DNA
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300DNA Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI7C7300DNA Datasheet HTML 3Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 4Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 5Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 6Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 7 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
13
SUPPORTED COMMANDS ...................................................................................................... 72
13.1
PRIMARY INTERFACE ........................................................................................................... 72
13.2
SECONDARY INTERFACE..................................................................................................... 73
14
CONFIGURATION REGISTERS ............................................................................................. 73
14.1
CONFIGURATION REGISTER 1 AND 2................................................................................ 75
14.1.1
VENDOR ID REGISTER – OFFSET 00h........................................................................... 75
14.1.2
DEVICE ID REGISTER – OFFSET 00h ............................................................................ 76
14.1.3
COMMAND REGISTER – OFFSET 04h ........................................................................... 76
14.1.4
STATUS REGISTER – OFFSET 04h.................................................................................. 77
14.1.5
REVISION ID REGISTER – OFFSET 08h......................................................................... 78
14.1.6
CLASS CODE REGISTER – OFFEST 08h ........................................................................ 78
14.1.7
CACHE LINE SIZE REGISTER – OFFSET 0Ch ............................................................... 78
14.1.8
PRIMARY LATENCY TIMER REGISTER – OFFSET 0Ch................................................ 78
14.1.9
HEADER TYPE REGISTER – OFFSET 0Ch ..................................................................... 79
14.1.10
PRIMARY BUS NUMBER REGISTER – OFFSET 18h ................................................. 79
14.1.11
SECONDARY (S1 or S2) BUS NUMBER REGISTER – OFFSET 18h .......................... 79
14.1.12
SUBORDINATE (S1 or S2) BUS NUMBER REGISTER – OFFSET 18h ...................... 79
14.1.13
SECONDARY LATENCY TIMER REGISTER – OFFSET 18h ...................................... 79
14.1.14
I/O BASE REGISTER – OFFSET 1Ch ........................................................................... 80
14.1.15
I/O LIMIT REGISTER – OFFSET 1Ch .......................................................................... 80
14.1.16
SECONDARY STATUS REGISTER – OFFSET 1Ch...................................................... 80
14.1.17
MEMORY BASE REGISTER – OFFSET 20h................................................................. 81
14.1.18
MEMORY LIMIT REGISTER – OFFSET 20h................................................................ 81
14.1.19
PREFETCHABLE MEMORY BASE REGISTER – OFFSET 24h .................................. 82
14.1.20
PREFETCHABLE MEMORY LIMIT REGISTER – OFFSET 24h ................................. 82
14.1.21
PREFETCHABLE MEMORY BASE ADDRESS UPPER 32-BITS REGISTER – OFFSET
28h
........................................................................................................................................ 82
14.1.22
PREFETCHABLE MEMORY LIMIT ADDRESS UPPER 32-BITS REGISTER – OFFSET
2Ch
........................................................................................................................................ 82
14.1.23
I/O BASE ADDRESS UPPER 16-BITS REGISTER – Offset 30h................................... 83
14.1.24
I/O LIMIT ADDRESS UPPER 16-BITS REGISTER – OFFSET 30h............................. 83
14.1.25
ECP POINTER REGISTER – OFFSET 34h................................................................... 83
14.1.26
BRIDGE CONTROL REGISTER – OFFSET 3Ch.......................................................... 83
14.1.27
DIAGNOSTIC / CHIP CONTROL REGISTER – OFFSET 40h ..................................... 85
14.1.28
ARBITER CONTROL REGISTER – OFFSET 40h ......................................................... 86
14.1.29
UPSTREAM MEMORY CONTROL REGISTER – OFFSET 48h ................................... 86
14.1.30
HOT SWAP SWITCH TIME SLOT REGISTER – OFFSET 4Ch.................................... 86
14.1.31
UPSTREAM (S1 or S2 to P) MEMORY BASE REGISTER – OFFSET 50h................... 87
14.1.32
UPSTREAM (S1 or S2 to P) MEMORY LIMIT REGISTER – OFFSET 50h.................. 87
14.1.33
UPSTREAM (S1 or S2 to P) MEMORY BASE UPPER 32-BITS REGISTER – OFFSET
54h
........................................................................................................................................ 87
14.1.34
UPSTREAM (S1 or S2 to P) MEMORY LIMIT UPPER 32 BITS REGISTER – OFFSET
58h
........................................................................................................................................ 88
14.1.35
P_SERR# EVENT DISABLE REGISTER – OFFSET 64h .............................................. 88
14.1.36
SECONDARY CLOCK CONTROL REGISTER – OFFSET 68h .................................... 89
14.1.37
PORT OPTION REGISTER – OFFSET 74h .................................................................. 89
14.1.38
MASTER TIMEOUT COUNTER REGISTER – OFFSET 74h ....................................... 91
14.1.39
RETRY COUNTER REGISTER – OFFSET 78h............................................................. 91
14.1.40
SAMPLING TIMER REGISTER – OFFSET 7Ch ........................................................... 91
14.1.41
SECONDARY SUCCESSFUL I/O READ COUNTER REGISTER – OFFSET 80h ....... 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com