Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C7300DNA Datasheet(PDF) 17 Page - Pericom Semiconductor Corporation

Part # PI7C7300DNA
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300DNA Datasheet(HTML) 17 Page - Pericom Semiconductor Corporation

Back Button PI7C7300DNA Datasheet HTML 13Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 14Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 15Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 16Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 17Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 18Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 19Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 20Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 21Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 17 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
Name
Pin #
Type
Description
S_CFN#
Y2
PIU
Secondary Bus Central Function Control Pin. When
tied LOW, it enables the internal arbiter. When tied
HIGH, an external arbiter must be used. S1_REQ#[0]
or S2_REQ#[0] is reconfigured to be the secondary bus
grant input, and S1_GNT#[0] or S2_GNT#[0] is
reconfigured to be the secondary bus request output.
3.4
CLOCK SIGNALS
Name
Pin #
Type
Description
P_CLK
V6
PI
Primary Clock Input. Provides timing for all
transactions on the primary interface.
S1_CLKOUT
[7:0]
A11, C12, A13,
B14, B15, C16,
A18, A19
PTS
Secondary Clock Output. Provides secondary 1
clocks phase synchronous with the P_CLK.
S2_CLKOUT
[7:0]
T3, T1, P3, N3,
M4, L3, L2, J1
PTS
Secondary Clock Output. Provides secondary 2
clocks phase synchronous with the P_CLK.
3.5
MISCELLANEOUS SIGNALS
Name
Pin #
Type
Description
BY_PASS
Y4
PI
Reserved. Reserved for future use. Must be tied
HIGH.
PLL_TM
Y3
PI
Reserved. Reserved for future use. Must be tied
LOW.
S_CLKIN
V5
PI
Reserved. Reserved for future use. Must be tied
LOW.
SCAN_TM#
V4
PI
Full-Scan Test Mode Enable (Active LOW).
Connect HIGH for normal operation.
When SCAN_TM# is active, the ten scan chains will be
enabled. The scan clock is P_CLK. The scan input and
outputs are as follows:
S1_REQ[6], S1_REQ[5], S1_REQ[4], S1_REQ[3],
S1_REQ[2], S2_REQ#[6], S2_REQ#[5], S2_REQ#[4],
S2_REQ#[3], S2_REQ#[2], and S1_GNT#[6],
S1_GNT#[5], S1_GNT#[4], S1_GNT#[3],
S1_GNT#[2], S2_GNT#[6], S2_GNT#[5],
S2_GNT#[4], S2_GNT#[3], S2_GNT#[2]
SCAN_EN
U5
PID
Full-Scan Enable Control. SCAN_EN should be tied
LOW in normal mode. When SCAN_EN is LOW, full-
scan is in shift operation if SCAN_TM# is active.
When SCAN_EN is HIGH, full-scan is in parallel
operation if SCAN_TM# is active.
3.6
COMPACT PCI HOT-SWAP SIGNALS
Name
Pin #
Type
Description
LOO
U1
PO
Hot Swap LED. The output of this pin lights a blue
LED to indicate insertion and removal ready status. If
HS_EN is LOW, pin is S2_GNT#[7].
HS_SW#
T2
PI
Hot Swap Switch. When driven LOW, this signal
indicates that the board ejector handle indicates an
insertion or impending extraction of a board. If HS_EN
is LOW, pin is S2_REQ#[7].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com