Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C7300DNA Datasheet(PDF) 98 Page - Pericom Semiconductor Corporation

Part # PI7C7300DNA
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300DNA Datasheet(HTML) 98 Page - Pericom Semiconductor Corporation

Back Button PI7C7300DNA Datasheet HTML 94Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 95Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 96Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 97Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 98Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 99Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 100Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 101Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 102Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Figure 16-1 TEST ACCESS PORT BLOCK DIAGRAM
16.1.1
TAP PINS
The PI7C7300D’s TAP pins form a serial port composed of four input connections
(TMS, TCK, TRST# and TDI) and one output connection (TDO). These pins are
described in Table 16-1. The TAP pins provide access to the instruction register and the
test data registers.
16.1.2
INSTRUCTION REGISTER
The Instruction Register (IR) holds instruction codes. These codes are shifted in through
the Test Data Input (TDI) pin. The instruction codes are used to select the specific test
operation to be performed and the test data register to be accessed.
The instruction register is a parallel-loadable, master/slave-configured 4-bit wide, serial-
shift register with latched outputs. Data is shifted into and out of the IR serially through
the TDI pin clocked by the rising edge of TCK. The shifted-in instruction becomes active
upon latching from the master stage to the slave stage. At that time the IR outputs along
with the TAP finite state machine outputs are decoded to select and control the test data
register selected by that instruction. Upon latching, all actions caused by any previous
instructions terminate.
The instruction determines the test to be performed, the test data register to be accessed,
or both. The IR is two bits wide. When the IR is selected, the most significant bit is
connected to TDI, and the least significant bit is connected to TDO. The value presented
on the TDI pin is shifted into the IR on each rising edge of TCK. The TAP controller
captures fixed parallel data (1101 binary). When a new instruction is shifted in through
TDI, the value 1101(binary) is always shifted out through TDO, least significant bit first.
This helps identify instructions in a long chain of serial data from several devices.
Page 98 of 107
Pericom Semiconductor
November 2005 - Revision 1.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com