Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C7300DNA Datasheet(PDF) 72 Page - Pericom Semiconductor Corporation

Part # PI7C7300DNA
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300DNA Datasheet(HTML) 72 Page - Pericom Semiconductor Corporation

Back Button PI7C7300DNA Datasheet HTML 68Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 69Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 70Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 71Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 72Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 73Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 74Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 75Page - Pericom Semiconductor Corporation PI7C7300DNA Datasheet HTML 76Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 72 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
When S1_RESET# or S2_RESET# is asserted by means of the secondary reset bit,
PI7C7300D remains accessible during secondary interface reset and continues to respond
to accesses to its configuration space from the primary interface.
13
SUPPORTED COMMANDS
The PCI command set is given below for the primary and secondary interfaces.
13.1
PRIMARY INTERFACE
P_CBE [3:0] #
Command
Action
0000
Interrupt
Acknowledge
Ignore
0001
Special Cycle
Do not claim. Ignore.
0010
I/O Read
1.
If address is within pass through I/O range, claim and
pass through.
2.
Otherwise, do not pass through and do not claim for
internal access.
0011
I/O Write
Same as I/O Read.
0100
Reserved
-----
0101
Reserved
-----
0110
Memory Read
1.
If address is within pass through memory range, claim
and pass through.
2.
If address is within pass through memory mapped I/O
range, claim and pass through.
3.
Otherwise, do not pass through and do not claim for
internal access.
0111
Memory Write
Same as Memory Read.
1000
Reserved
-----
1001
Reserved
-----
1010
Configuration Read
I.
Type 0 Configuration Read:
If the bridge’s IDSEL line is asserted, perform function
decode and claim if target function is implemented.
Otherwise, ignore. If claimed, permit access to target
function’s configuration registers. Do not pass through
under any circumstances.
II. Type 1 Configuration Read:
1.
If the target bus is the bridge’s secondary bus: claim
and pass through as a Type 0 Configuration Read.
2.
If the target bus is a subordinate bus that exists behind
the bridge (but not equal to the secondary bus): claim
and pass through as a Type 1 Configuration Read.
3.
Otherwise, ignore.
1011
Configuration Write
I.
Type 0 Configuration Write: same as Configuration
Read.
II. Type 1 Configuration Write (not special cycle
request):
1.
If the target bus is the bridge’s secondary bus: claim
and pass through as a Type 0 Configuration Write
2.
If the target bus is a subordinate bus that exists behind
the bridge (but not equal to the secondary bus): claim
and pass through unchanged as a Type 1 Configuration
Write.
3.
Otherwise, ignore.
III. Configuration Write as Special Cycle Request
(device = 1Fh, function = 7h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com