Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF112K Datasheet(PDF) 52 Page - SPANSION

Part # MB9AF112K
Description  This document states the current technical specifications regarding
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF112K Datasheet(HTML) 52 Page - SPANSION

Back Button MB9AF112K Datasheet HTML 48Page - SPANSION MB9AF112K Datasheet HTML 49Page - SPANSION MB9AF112K Datasheet HTML 50Page - SPANSION MB9AF112K Datasheet HTML 51Page - SPANSION MB9AF112K Datasheet HTML 52Page - SPANSION MB9AF112K Datasheet HTML 53Page - SPANSION MB9AF112K Datasheet HTML 54Page - SPANSION MB9AF112K Datasheet HTML 55Page - SPANSION MB9AF112K Datasheet HTML 56Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 89 page
background image
D a t a S h e e t
February 20, 2015, MB9A110K-DS706-00030-2v0-E
49
CONFIDENTIAL
(2) Pin Characteristics
(Vcc = AVcc = 2.7V to 5.5V, Vss = AVss = 0V, Ta = - 40°C to + 105°C)
Parameter
Symbol Pin name
Conditions
Value
Unit Remarks
Min
Typ
Max
"H" level
input
voltage
(hysteresis
input)
VIHS
CMOS
hysteresis
input pin,
MD0, MD1
-
Vcc × 0.8
-
Vcc + 0.3
V
5V tolerant
input pin
-
Vcc × 0.8
-
Vss + 5.5
V
"L" level
input
voltage
(hysteresis
input)
VILS
CMOS
hysteresis
input pin,
MD0, MD1
-
Vss - 0.3
-
Vcc × 0.2
V
5V tolerant
input pin
-
Vss - 0.3
-
Vcc × 0.2
V
"H" level
output voltage
VOH
4mA
type
Vcc ≥ 4.5 V
IOH = - 4 mA
Vcc - 0.5
-
Vcc
V
Vcc < 4.5 V
IOH = - 2 mA
12mA
type
Vcc ≥ 4.5 V
IOH = - 12 mA
Vcc - 0.5
-
Vcc
V
Vcc < 4.5 V
IOH = - 8 mA
P80/P81
Vcc ≥ 4.5 V
IOH = - 20.5 mA
Vcc - 0.4
-
Vcc
V
Vcc < 4.5 V
IOH = - 13.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com