Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF112K Datasheet(PDF) 84 Page - SPANSION

Part # MB9AF112K
Description  This document states the current technical specifications regarding
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF112K Datasheet(HTML) 84 Page - SPANSION

Back Button MB9AF112K Datasheet HTML 80Page - SPANSION MB9AF112K Datasheet HTML 81Page - SPANSION MB9AF112K Datasheet HTML 82Page - SPANSION MB9AF112K Datasheet HTML 83Page - SPANSION MB9AF112K Datasheet HTML 84Page - SPANSION MB9AF112K Datasheet HTML 85Page - SPANSION MB9AF112K Datasheet HTML 86Page - SPANSION MB9AF112K Datasheet HTML 87Page - SPANSION MB9AF112K Datasheet HTML 88Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 89 page
background image
DataS h eet
February 20, 2015, MB9A110K-DS706-00030-2v0-E
81
CONFIDENTIAL
52-pin plastic LQFP
Lead pitch
0.65 mm
Package width ×
package length
10.00 × 10.00 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
1.70 mm MAX
Weight
0.32 g
Code
(Reference)
P-LFQFP52-10×10-0.65
52-pin plastic LQFP
(FPT-52P-M02)
(FPT-52P-M02)
C
2010 FUJITSU SEMICONDUCTOR LIMITED F52002Sc-2-1
0.65(.026)
0.10(.004)
113
14
26
40
52
27
39
*10.00± 0.10(.394 ±. 004)SQ
12.00± 0.20(.472 ±. 008)SQ
INDEX
M
0.13(.005)
0.145± 0.055
(.006±. 002)
"A"
.059–.004
+.008
–0.10
+0.20
1.50
0~8˚
0.25(.010)
(Mounting height)
0.50 ± 0.20
(.020±. 008)
0.60± 0.15
(.024±. 006)
0.10± 0.10
(.004±. 004)
Details of "A" part
(Stand off)
.012–.0014
+.0026
–0.035
+0.065
0.30
Dimensions in mm (inches).
Note: The values in parentheses are reference values
Note 1) * : These dimensions do not include resin protrusion.
Note 2) Pins width and pins thickness include plating thickness.
Note 3) Pins width do not include tie bar cutting remainder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com