Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF112K Datasheet(PDF) 67 Page - SPANSION

Part # MB9AF112K
Description  This document states the current technical specifications regarding
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF112K Datasheet(HTML) 67 Page - SPANSION

Back Button MB9AF112K Datasheet HTML 63Page - SPANSION MB9AF112K Datasheet HTML 64Page - SPANSION MB9AF112K Datasheet HTML 65Page - SPANSION MB9AF112K Datasheet HTML 66Page - SPANSION MB9AF112K Datasheet HTML 67Page - SPANSION MB9AF112K Datasheet HTML 68Page - SPANSION MB9AF112K Datasheet HTML 69Page - SPANSION MB9AF112K Datasheet HTML 70Page - SPANSION MB9AF112K Datasheet HTML 71Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 89 page
background image
D a t a S h e e t
64
MB9A110K-DS706-00030-2v0-E, February 20, 2015
CONFIDENTIAL
(9) External Input Timing
(Vcc = 2.7V to 5.5V, Vss = 0V, Ta = - 40°C to + 105°C)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Input pulse width
tINH,
tINL
ADTG
-
2tCYCP*
1
-
ns
A/D converter
trigger input
FRCKx
Free-run timer input
clock
ICxx
Input capture
DTTIxX
-
2tCYCP*
1
-
ns
Wave form
generator
INTxx
NMIX
-
2tCYCP + 100*
1
-
ns
External interrupt
NMI
*2
500
-
ns
*3
WKUPx
*4
820
-
ns
Deep stand-by wake
up
*1 : tCYCP indicates the APB bus clock cycle time.
About the APB bus number which A/D converter, Multi-function Timer, External interrupt are connected to,
see "Block Diagram" in this data sheet.
*2 : When in run mode, in sleep mode.
*3 : When in stop mode, in rtc mode, in timer mode.
*4 : When in deep stand-by stop mode, in deep stand-by rtc mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com