Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF112K Datasheet(PDF) 83 Page - SPANSION

Part # MB9AF112K
Description  This document states the current technical specifications regarding
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF112K Datasheet(HTML) 83 Page - SPANSION

Back Button MB9AF112K Datasheet HTML 79Page - SPANSION MB9AF112K Datasheet HTML 80Page - SPANSION MB9AF112K Datasheet HTML 81Page - SPANSION MB9AF112K Datasheet HTML 82Page - SPANSION MB9AF112K Datasheet HTML 83Page - SPANSION MB9AF112K Datasheet HTML 84Page - SPANSION MB9AF112K Datasheet HTML 85Page - SPANSION MB9AF112K Datasheet HTML 86Page - SPANSION MB9AF112K Datasheet HTML 87Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 89 page
background image
DataS h eet
80
MB9A110K-DS706-00030-2v0-E, February 20, 2015
CONFIDENTIAL
48-pin plastic QFN
Lead pitch
0.5 mm
Package width×
package length
7.00 mm × 7.00 mm
Sealing method
Plastic mold
Mounting height
0.90 mm MAX
Weight
–
48-pin plastic QFN
(LCC-48P-M73)
(LCC-48P-M73)
C
2011 FUJITSU SEMICONDUCTOR LIMITED HMbC48-73Sc-2-1
(.276±.004)
7.00±0.10
(.217±.004)
5.50±0.10
(.217±.004)
5.50±0.10
(.276±.004)
7.00±0.10
(.010±.002)
0.25±0.05
0.45 (.018)
1PIN ID
(0.20R (.008R))
(.016±.002)
0.40±0.05
(TYP)
0.50 (.020)
(0.20(.008))
0.05 (.002) MAX
(.033±.002)
0.85±0.05
INDEX AREA
Dimensions in mm (inches).
Note: The values in parentheses are reference values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com