Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF112K Datasheet(PDF) 80 Page - SPANSION

Part # MB9AF112K
Description  This document states the current technical specifications regarding
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF112K Datasheet(HTML) 80 Page - SPANSION

Back Button MB9AF112K Datasheet HTML 76Page - SPANSION MB9AF112K Datasheet HTML 77Page - SPANSION MB9AF112K Datasheet HTML 78Page - SPANSION MB9AF112K Datasheet HTML 79Page - SPANSION MB9AF112K Datasheet HTML 80Page - SPANSION MB9AF112K Datasheet HTML 81Page - SPANSION MB9AF112K Datasheet HTML 82Page - SPANSION MB9AF112K Datasheet HTML 83Page - SPANSION MB9AF112K Datasheet HTML 84Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 89 page
background image
D a t a S h e e t
February 20, 2015, MB9A110K-DS706-00030-2v0-E
77
CONFIDENTIAL
 Operation example of return from low power consumption mode (by internal resource reset*)
Internal
Resource RST
Trcnt
Internal RST
CPU
Operation
Start
RST Active
Release
* : Internal resource reset
is not included in return factor by the kind of Low-Power consumption mode.
Notes:  The return factor is different in each Low-Power consumption modes.
See "CHAPTER 6: Low Power Consumption Mode" and "Operations of Standby Modes" in FM3
Family PERIPHERAL MANUAL.
 When interrupt recoveries, the operation mode that CPU recoveries depends on the
state before the Low-Power consumption mode transition. See "CHAPTER 6: Low
Power Consumption Mode" in "FM3 Family PERIPHERAL MANUAL".
・
The time during the power-on reset/low-voltage detection reset is excluded. See "(6)
Power-on Reset Timing in 4. AC Characteristics in ■Electrical Characteristics" for
the detail on the time during the power-on reset/low -voltage detection reset.
・
When in recovery from reset, CPU changes to the high-speed CR run mode. When
using the main clock or the PLL clock, it is necessary to add the main clock
oscillation stabilization wait time or the main PLL clock stabilization wait time.
 The internal resource reset means the watchdog reset and the CSV reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com