Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF112K Datasheet(PDF) 25 Page - SPANSION

Part # MB9AF112K
Description  This document states the current technical specifications regarding
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF112K Datasheet(HTML) 25 Page - SPANSION

Back Button MB9AF112K Datasheet HTML 21Page - SPANSION MB9AF112K Datasheet HTML 22Page - SPANSION MB9AF112K Datasheet HTML 23Page - SPANSION MB9AF112K Datasheet HTML 24Page - SPANSION MB9AF112K Datasheet HTML 25Page - SPANSION MB9AF112K Datasheet HTML 26Page - SPANSION MB9AF112K Datasheet HTML 27Page - SPANSION MB9AF112K Datasheet HTML 28Page - SPANSION MB9AF112K Datasheet HTML 29Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 89 page
background image
D a t a S h e e t
22
MB9A110K-DS706-00030-2v0-E, February 20, 2014
CONFIDENTIAL
Module
Pin name
Function
Pin No
LQFP-48
QFN-48
LQFP-52
RESET
INITX
External Reset Input.
A reset is valid when INITX="L".
17
18
Mode
MD0
Mode 0 pin.
During normal operation, MD0="L" must
be input. During serial programming to
Flash memory, MD0="H" must be input.
21
23
MD1
Mode 1 pin.
During serial programming to Flash
memory, MD1="L" must be input.
20
22
POWER
VCC
Power supply Pin
1
1
VCC
Power supply Pin
14
15
VCC
Power supply Pin
45
49
GND
VSS
GND Pin
12
13
VSS
GND Pin
24
26
VSS
GND Pin
48
52
CLOCK
X0
Main clock (oscillation) input pin
22
24
X0A
Sub clock (oscillation) input pin
15
16
X1
Main clock (oscillation) I/O pin
23
25
X1A
Sub clock (oscillation) I/O pin
16
17
CROUT_1
Built-in high-speed CR-osc clock output
port
42
46
Analog
POWER
AVCC
A/D converter analog power pin
31
33
AVRH
A/D converter analog reference voltage
input pin
32
34
Analog
GND
AVSS
A/D converter GND pin
33
35
C pin
C
Power stabilization capacity pin
13
14
NC pin
NC
NC pin.
NC pin should be kept open.
-
5
NC
NC pin.
NC pin should be kept open.
-
21
NC
NC pin.
NC pin should be kept open.
-
36
NC
NC pin.
NC pin should be kept open.
-
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com