Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-SC583 Datasheet(PDF) 4 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 4 Page - Analog Devices

  ADSP-SC583 Datasheet HTML 1Page - Analog Devices ADSP-SC583 Datasheet HTML 2Page - Analog Devices ADSP-SC583 Datasheet HTML 3Page - Analog Devices ADSP-SC583 Datasheet HTML 4Page - Analog Devices ADSP-SC583 Datasheet HTML 5Page - Analog Devices ADSP-SC583 Datasheet HTML 6Page - Analog Devices ADSP-SC583 Datasheet HTML 7Page - Analog Devices ADSP-SC583 Datasheet HTML 8Page - Analog Devices ADSP-SC583 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 168 page
background image
Rev. PrF
|
Page 4 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587 Preliminary Technical Data
Table 2. Processor Comparison
Processor Feature
ADSP-
SC582
ADSP-
SC583
ADSP-
SC584
ADSP-
SC587
ADSP-
SC589
ADSP-
21583
ADSP-
21584
ADSP-
21587
ARM Cortex-A5 (MHz max)
450
450
450
450
450
–
–
–
ARM Core L1 Cache (I, D kB)
32, 32
32, 32
32, 32
32, 32
32, 32
–
–
–
ARM Core L2 Cache (kB)
256
256
256
256
256
–
–
–
SHARC+ Core1 (MHz max)
450
450
450
450
450
450
450
450
SHARC+ Core2 (MHz max)
–
450
450
450
450
450
450
450
SHARC L1 SRAM/core (kB)
640
384
640
640
640
384
640
640
L2 SRAM (shared) (kB)
256
256
256
256
256
256
256
256
L2 ROM (shared) (kB)
512
512
512
512
512
512
512
512
DDR3/DDR2/LPDDR1
Controller (16-bit)
1112
2
1
1
2
USB 2.0 HS + PHY (host/device/OTG)
1111
1
–
–
–
USB 2.0 HS + PHY (host/device)
–
–
–
1
1
–
–
–
10/100 Std EMAC
–
–
–
1
1
–
–
–
10/100/1000 Std/AVB EMAC + Timer
IEEE-1588
1111
1
–
–
–
SDIO/eMMC
–––
1
1
–
–
–
PCIe 2.0 (1 Lane)
––––
1
–
–
–
Real Time Clock (RTC)
–
–
–
1
1
–
–
1
GPIO + DAI Pins
80 + 28
80 + 28
80 + 28
102 + 40
102 + 40
80 + 28
80 + 28
102 + 40
Package Options: 19 mm × 19 mm
349-BGA
349-BGA
349-BGA
529-BGA
529-BGA
349-BGA
349-BGA
529-BGA
Table 3. Processor Comparison for Automotive
Processor Feature
ADSP-SC583W ADSP-SC584W ADSP-SC587W ADSP-SC589W ADSP-21583W ADSP-21584W
ARM Cortex-A5 (MHz max)
450
450
450
450
–
–
ARM Core L1 Cache (I, D kB)
32, 32
32, 32
32, 32
32, 32
–
–
ARM Core L2 Cache (kB)
256
256
256
256
–
–
SHARC+ Core1 (MHz max)
450
450
450
450
450
450
SHARC+ Core2 (MHz max)
450
450
450
450
450
450
SHARC L1 SRAM/core (kB)
384
640
640
640
384
640
L2 SRAM (shared) (kB)
256
256
256
256
256
256
L2 ROM (shared) (kB)
512
512
512
512
512
512
DDR3/DDR2/LPDDR1
Controller (16-bit)
1122
1
1
USB 2.0 HS + PHY (host/device/OTG)
1111
–
–
USB 2.0 HS + PHY (host/device)
–
–
1
1
–
–
10/100 Std EMAC
–
–
1
1
–
–
10/100/1000 Std/AVB EMAC + Timer
IEEE-1588
1111
–
–
SDIO/eMMC
–
–
1
1
–
–
PCIe 2.0 (1 Lane)
–
–
–
1
–
–
MLB 3-pin/6-pin
1111
1
1
Real Time Clock (RTC)
–
–
1
1
–
–
GPIO + DAI Pins
80 + 28
80 + 28
102 + 40
102 + 40
80 + 28
80 + 28
Package Options: 19 mm × 19 mm
349-BGA
349-BGA
529-BGA
529-BGA
349-BGA
349-BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com