Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-SC583 Datasheet(PDF) 99 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 99 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 95Page - Analog Devices ADSP-SC583 Datasheet HTML 96Page - Analog Devices ADSP-SC583 Datasheet HTML 97Page - Analog Devices ADSP-SC583 Datasheet HTML 98Page - Analog Devices ADSP-SC583 Datasheet HTML 99Page - Analog Devices ADSP-SC583 Datasheet HTML 100Page - Analog Devices ADSP-SC583 Datasheet HTML 101Page - Analog Devices ADSP-SC583 Datasheet HTML 102Page - Analog Devices ADSP-SC583 Datasheet HTML 103Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 168 page
background image
Preliminary Technical Data
Rev. PrF
|
Page 99 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
Mobile DDR SDRAM Read Cycle Timing
Table 51 and Figure 21 show mobile DDR SDRAM read cycle timing, related to the dynamic memory controller (DMC).
Table 51. Mobile DDR SDRAM Read Cycle Timing, VDD_DMCx Nominal 1.8 V
1
1 Specifications apply to both DMC0 and DMC1.
All specifications are based on simulation data and are subject to change without notice.
200 MHz2
2 In order to ensure proper operation of LPDDR, all the LPDDR guidelines must be strictly followed (see Engineer-to-Engineer Note EE-TBD).
Parameter
Min
Max
Unit
Timing Requirements
tQH
DMCx_DQ, DMCx_DQS Output Hold Time From DMCx_DQS
1.75
ns
tDQSQ
DMCx_DQS-DMCx_DQ Skew for DMCx_DQS and Associated
DMCx_DQ Signals
0.4
ns
tRPRE
Read Preamble
0.9
1.1
tCK
tRPST
Read Postamble
0.4
0.6
tCK
Figure 21. Mobile DDR SDRAM Controller Input AC Timing
DMCx_CK
DMCx_LDQS/DMCx_HDQS
tDQSQ
DMCx_DQx
(DATA)
Dn
Dn+1
Dn+2
Dn+3
tRPRE
tRPST
tQH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com