Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-SC583 Datasheet(PDF) 87 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 87 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 83Page - Analog Devices ADSP-SC583 Datasheet HTML 84Page - Analog Devices ADSP-SC583 Datasheet HTML 85Page - Analog Devices ADSP-SC583 Datasheet HTML 86Page - Analog Devices ADSP-SC583 Datasheet HTML 87Page - Analog Devices ADSP-SC583 Datasheet HTML 88Page - Analog Devices ADSP-SC583 Datasheet HTML 89Page - Analog Devices ADSP-SC583 Datasheet HTML 90Page - Analog Devices ADSP-SC583 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 168 page
background image
Preliminary Technical Data
Rev. PrF
|
Page 87 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
ABSOLUTE MAXIMUM RATINGS
Stresses at or above those listed in Table 36 may cause perma-
nent damage to the product. This is a stress rating only;
functional operation of the product at these or any other condi-
tions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum
operating conditions for extended periods may affect product
reliability.
ESD SENSITIVITY
PACKAGE INFORMATION
The information presented in Figure 9 and Table 38 provides
details about the package branding for the processors. For a
complete listing of product availability, see Pre Release Products
on Page 167.
Table 36. Absolute Maximum Ratings
Parameter
Rating
Internal (Core) Supply Voltage (VDD_INT) –0.33 V to +1.20 V
External (I/O) Supply Voltage
(VDD_EXT)
–0.33 V to +3.60 V
DDR2/LPDDR Controller Supply
Voltage (VDD_DMC)
–0.33 V to +1.90 V
DDR3 Controller Supply Voltage
(VDD_DMC)
–0.33 V to +1.60 V
USB PHY Supply Voltage (VDD_USB)
–0.33 V to +3.60 V
Real Time Clock Supply Voltage
(VDD_RTC)
–0.33 V to +3.60 V
PCIe Transmit Supply Voltage
(VDD_PCIE_TX)
–0.33 V to +1.20 V
PCIe Receive Supply Voltage
(VDD_PCIE_RX)
–0.33 V to +1.20 V
PCIe Supply Voltage (VDD_PCIE)
–0.33 V to +3.60 V
HADC Supply Voltage (VDD_HADC)
–0.33 V to +3.60 V
HADC Reference Voltage (VHADC_REF)
–0.33 V to +3.60 V
DDR2/LPDDR Input Voltage
–0.33 V to +1.90 V
DDR3 Input Voltage
–0.33 V to +1.60 V
Input Voltage
–0.33 V to +3.60 V
Output Voltage Swing
–0.33 V to VDD_EXT +0.5 V
Storage Temperature Range
–65
C to +150C
Junction Temperature While Biased
133
C
Table 37. Max Duty Cycle for Input Transient Voltage1, 2
1 Applies to all signal balls with the exception of SYS_CLKIN0, SYS_CLKIN1,
SYS_XTAL0, SYS_XTAL1, and all the USB, TWI, PCI, and DMC0 signals.
2 Applies only when VDD_EXT is within specifications. When VDD_EXT is
outside specifications, the range is VDD_EXT ± 0.2 V.
Maximum Duty Cycle (%)2
VIN Min (V)
3
3 The individual values cannot be combined for analysis of a single instance of
overshoot or undershoot. The worst case observed value must fall within one of
the specified voltages, and the total duration of the overshoot or undershoot
(exceeding the 100% case) must be less than or equal to the corresponding duty
cycle.
VIN Max (V)
3
100
TBD
TBD
50
TBD
TBD
40
TBD
TBD
25
TBD
TBD
20
TBD
TBD
15
TBD
TBD
10
TBD
TBD
Figure 9. Product Information on Package1
1 Exact brand may differ, depending on package type.
Table 38. Package Brand Information
Brand Key
Field Description
ADSP-SC589
Product Name1
1 See available products in Pre Release Products.
t
Temperature Range
pp
Package Type
Z
RoHS Compliant Option
ccc
See Ordering Guide
vvvvvv.x
Assembly Lot Code
n.n
Silicon Revision
#
RoHS Compliant Designation
yyww
Date Code
ESD (electrostatic discharge) sensitive device.
Charged devices and circuit boards can discharge
without detection. Although this product features
patented or proprietary protection circuitry, damage
may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to
avoid performance degradation or loss of functionality.
tppZccc
ADSP-SC589
a
#yyww country_of_origin
vvvvvv.x n.n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com