Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-SC583 Datasheet(PDF) 7 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 3Page - Analog Devices ADSP-SC583 Datasheet HTML 4Page - Analog Devices ADSP-SC583 Datasheet HTML 5Page - Analog Devices ADSP-SC583 Datasheet HTML 6Page - Analog Devices ADSP-SC583 Datasheet HTML 7Page - Analog Devices ADSP-SC583 Datasheet HTML 8Page - Analog Devices ADSP-SC583 Datasheet HTML 9Page - Analog Devices ADSP-SC583 Datasheet HTML 10Page - Analog Devices ADSP-SC583 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 168 page
background image
Preliminary Technical Data
Rev. PrF
|
Page 7 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
L1 Memory
The ADSP-SC58x/ADSP-2158x memory structure is shown in
Figure 5 on Page 8. Each SHARC+ core has a tightly coupled
Level 1 (L1) SRAM of up to 5 Mbits. Each SHARC+ core can
access code and data in a single cycle from this memory space.
The ARM Cortex-A5 core can also access these memory spaces
with multi-cycle accesses.
In the SHARC+ core private address space, both cores have
their own L1 memory.
SHARC+ core MMR address space is 0x 0000 0000-0x0003
FFFF in Normal Word (32-bit). Each block can be configured
for different combinations of code and data storage. Of the 5M
bits SRAM, up to 1024K bits can be configured for DM, PM,
and instruction cache. Each memory block supports single
cycle, independent accesses by the core processor and I/O pro-
cessor. The memory architecture, in combination with its
separate on-chip buses, allows two data transfers from the core
and one from the I/O processor in a single cycle. The proces-
sor’s SRAM can be configured as a maximum of 160K words of
32-bit data, 320K words of 16-bit data, 106.7K words of 48-bit
instructions (or 40-bit data), or combinations of different word
sizes up to 5 M bits. All of the memory can be accessed as 8-bit,
16-bit, 32-bit, 48-bit, or 64-bit words. A 16-bit floating-point
storage format is supported that effectively doubles the amount
of data that may be stored on chip.
Conversion between the 32-bit floating-point and 16-bit float-
ing-point formats is performed in a single instruction. While
each memory block can store combinations of code and data,
accesses are most efficient when one block stores data using the
DM bus for transfers, and the other block stores instructions
and data using the PM bus for transfers.
Using the DM bus and PM buses, with one bus dedicated to a
memory block, assures single-cycle execution with two data
transfers. In this case, the instruction must be available in the
cache. The system configuration is flexible, but a configuration
is 512K bits DM, 128K bits PM, and 128K bits of cache, with the
remaining L1 memory configured as SRAM is typical. Each
addressable memory space outside the L1 memory can be
accessed either directly or via cache.
Figure 4. SHARC+ SIMD Core Block Diagram
S
SIMD Core
+
11-STAGE
PROGRAM SEQUENCER
PM ADDRESS 32
PM DATA 64
DM DATA 64
DM ADDRESS 32
DAG1
16 × 32
MRF
80-BIT
ALU
MULTIPLIER
SHIFTER
PEX
DATA
REGISTER
Rx
16 × 40-BIT
DMD/PMD 64
ASTATx
STYKx
ASTATy
STYKy
PEY
DATA
REGISTER
Sx
16 × 40-BIT
MRB
80-BIT
MSB
80-BIT
MSF
80-BIT
DAG2
16 × 32
ALU
MULTIPLIER
SHIFTER
DATA
SWAP
SYSTEM
I/F
USTAT
PX
PM ADDRESS 24
PM DATA 48
DEBUG
TRACE
FLAGS
CEC
BTB
BP
CONFLICT
CACHE
TO
IMIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com