Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-SC583 Datasheet(PDF) 22 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 18Page - Analog Devices ADSP-SC583 Datasheet HTML 19Page - Analog Devices ADSP-SC583 Datasheet HTML 20Page - Analog Devices ADSP-SC583 Datasheet HTML 21Page - Analog Devices ADSP-SC583 Datasheet HTML 22Page - Analog Devices ADSP-SC583 Datasheet HTML 23Page - Analog Devices ADSP-SC583 Datasheet HTML 24Page - Analog Devices ADSP-SC583 Datasheet HTML 25Page - Analog Devices ADSP-SC583 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 168 page
background image
Rev. PrF
|
Page 22 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587 Preliminary Technical Data
level specified by the crystal manufacturer. The user should ver-
ify the customized values based on careful investigations on
multiple devices over the required temperature range.
A third-overtone crystal can be used for frequencies above
25 MHz. The circuit is then modified to ensure crystal operation
only at the third overtone by adding a tuned inductor circuit as
shown in Figure 7. A design procedure for third-overtone oper-
ation is discussed in detail in application note “Using Third
Overtone Crystals with the ADSP-218x DSP” (EE-168). The
same recommendations may be used for the USB crystal
oscillator.
Clock Distribution Unit (CDU)
The two CGUs each provide outputs which feed a clock distri-
bution unit (CDU). The clock outputs CLKO0-9 are connected
to various targets. For more information, refer to the Clock Dis-
tribution Unit (CDU) chapter of the hardware reference
manual.
Power-Up
XTAL oscillations (SYS_CLKIN) start when power is applied to
the VDD_EXT pins. The rising edge of SYS_HWRST starts on-
chip PLL locking (PLL lock counter). The deassertion should
apply only if all voltage supplies and SYS_CLKIN oscillations
are valid (refer to Power-Up Reset Timing on Page 88).
Clock Out/External Clock
The SYS_CLKOUT output pin has programmable options to
output divided-down versions of the on-chip clocks. By default,
the SYS_CLKOUT pin drives a buffered version of the
SYS_ CLKIN0 input. Refer to the Clock Distribution Unit
(CDU) chapter in the hardware reference manual to change the
default mapping of clocks.
Booting
The processors have several mechanisms for automatically load-
ing internal and external memory after a reset. The boot mode is
defined by the SYS_BMODE input pins dedicated for this pur-
pose. There are two categories of boot modes. In master boot
mode, the processor actively loads data from serial memories. In
slave boot modes, the processors receive data from external host
devices.
The boot modes are shown in Table 9. These modes are imple-
mented by the SYS_BMODE bits of the reset configuration
register and are sampled during power-on resets and software-
initiated resets.
In the ADSP-SC58x processors, the ARM Cortex-A5 (core 0)
controls the boot process, including loading all internal and
external memory. Likewise, in the ADSP-2158x processors, the
SHARC+ (core 1) controls the boot function. The option for
secure boot is available on all products.
Thermal Monitoring Unit (TMU)
The thermal monitoring unit provides on-chip temp measure-
ment which is important in applications that require substantial
power consumption. The TMU is integrated into the processor
die and digital infrastructure using an MMR-based system
access to measure the die temperature variations in real-time.
TMU features include:
• On-chip temperature sensing
• Programmable over-temperature and under-temperature
limits
• Programmable conversion rate
• Programmable clock source selection to run the sensor off
an independent local clock
• Averaging feature available
Power Supplies
The processors have separate power supply connections for:
• Internal (VDD_INT)
•External (VDD_EXT)
•USB (VDD_USB)
•HADC (VDD_HADC)
Figure 7. External Crystal Connection
SYS_CLKIN
TO PLL
CIRCUITRY
FOR OVERTONE
OPERATION ONLY:
NOTE: VALUES MARKED WITH * MUST BE CUSTOMIZED, DEPENDING
ON THE CRYSTAL AND LAYOUT. ANALYZE CAREFULLY. FOR
FREQUENCIES ABOVE 33 MHz, THE SUGGESTED CAPACITOR VALUE
OF 18pF SHOULD BE TREATED AS A MAXIMUM.
18 pF*
18 pF*
*
SHARC PROCESSOR
SYS_XTAL
Table 9. Boot Modes
SYS_BMODE Setting
Boot Mode
000
No boot
001
SPI2 Master
010
SPI2 Slave
011
Reserved
100
Reserved
101
Reserved
110
Link0 Slave
111
UART0 Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com