Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-SC583 Datasheet(PDF) 69 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 65Page - Analog Devices ADSP-SC583 Datasheet HTML 66Page - Analog Devices ADSP-SC583 Datasheet HTML 67Page - Analog Devices ADSP-SC583 Datasheet HTML 68Page - Analog Devices ADSP-SC583 Datasheet HTML 69Page - Analog Devices ADSP-SC583 Datasheet HTML 70Page - Analog Devices ADSP-SC583 Datasheet HTML 71Page - Analog Devices ADSP-SC583 Datasheet HTML 72Page - Analog Devices ADSP-SC583 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 168 page
background image
Preliminary Technical Data
Rev. PrF
|
Page 69 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
PA_14
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTA Position 14 | EMAC0
PTP Pulse-Per-Second Output 3 |
SINC0 Data 0 | SMC0 Address 10
Notes: No notes
PA_15
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTA Position 15 | EMAC0
PTP Pulse-Per-Second Output 2 |
SINC0 Data 1 | SMC0 Address 9
Notes: No notes
PB_00
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTB Position 0 | EMAC0
PTP Pulse-Per-Second Output 1 |
EPPI0 Data 14 | SINC0 Data 2 |
SMC0 Address 8 | TIMER0
Alternate Clock 3
Notes: No notes
PB_01
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTB Position 1 | EMAC0
PTP Pulse-Per-Second Output 0 |
EPPI0 Data 15 | SINC0 Clock 0 |
SMC0 Address 7 | TIMER0
Alternate Clock 4
Notes: No notes
PB_02
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTB Position 2 | EMAC0
PTP Clock Input 0 | EPPI0 Data 16
| SMC0 Address 4 | UART1
Transmit
Notes: No notes
PB_03
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTB Position 3 | EMAC0
PTP Auxiliary Trigger Input 0 |
EPPI0 Data 17 | SMC0 Address 3 |
UART1 Receive | TIMER0
Alternate Capture Input 1
Notes: No notes
PB_04
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTB Position 4 | EPPI0
Data 12 | MLB0 Single-Ended
Clock | SINC0 Data 3 | SMC0
Asynchronous Ready | EMAC0
PTP Auxiliary Trigger Input 1
Notes: No notes
PB_05
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTB Position 5 | EPPI0
Data 13 | MLB0 Single-Ended
Signal | SMC0 Address 1 | EMAC0
PTP Auxiliary Trigger Input 2
Notes: No notes
PB_06
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTB Position 6 | MLB0
Single-Ended Data | PWM0
Channel B High Side | SMC0
Address 2 | EMAC0 PTP Auxiliary
Trigger Input 3
Notes: No notes
PB_07
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTB Position 7 | LP1 Data
0 | PWM0 Channel A High Side |
SMC0 Data 15 | TIMER0 Timer 3
Notes: No notes
Table 26. ADSP-SC58x/ADSP-2158x Designer Quick Reference (Continued)
Signal Name
Type
Driver
Type
Int
Term
Reset
Term
Reset
Drive
Power Domain
Description
and Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com