Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-SC583 Datasheet(PDF) 95 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 95 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 91Page - Analog Devices ADSP-SC583 Datasheet HTML 92Page - Analog Devices ADSP-SC583 Datasheet HTML 93Page - Analog Devices ADSP-SC583 Datasheet HTML 94Page - Analog Devices ADSP-SC583 Datasheet HTML 95Page - Analog Devices ADSP-SC583 Datasheet HTML 96Page - Analog Devices ADSP-SC583 Datasheet HTML 97Page - Analog Devices ADSP-SC583 Datasheet HTML 98Page - Analog Devices ADSP-SC583 Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 168 page
background image
Preliminary Technical Data
Rev. PrF
|
Page 95 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
DDR2 SDRAM Clock and Control Cycle Timing
Table 47 and Figure 17 show DDR2 SDRAM clock and control cycle timing, related to the dynamic memory controller (DMC).
Table 47. DDR2 SDRAM Clock and Control Cycle Timing, VDD_DMCx Nominal 1.8 V
1
1 Specifications apply to both DMC0 and DMC1.
All specifications are based on simulation data and are subject to change without notice.
400 MHz2
2 In order to ensure proper operation of the DDR2, all the DDR2 guidelines must be strictly followed (see Engineer-to-Engineer Note EE-TBD).
Parameter
Min
Max
Unit
Switching Characteristics
tCK
Clock Cycle Time (CL = 2 Not Supported)
2.5
ns
tCH
Minimum Clock Pulse Width
0.48
0.52
tCK
tCL
Maximum Clock Pulse Width
0.48
0.52
tCK
tIS
Control/Address Setup Relative to DMCx_CK Rise
175
ps
tIH
Control/Address Hold Relative to DMCx_CK Rise
250
ps
Figure 17. DDR2 SDRAM Clock and Control Cycle Timing
NOTE: CONTROL =
DMCx_CS0, DMCx_CKE, DMCx_RAS, DMCx_CAS, AND DMCx_WE.
ADDRESS = DMCx_A0-A15, AND DMCx_BA0-BA2.
DMCx_CK
DMCx_Ax
DMCx CONTROL
tIS
tIH
tCK
tCH
tCL
DMCx_CK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com