Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320C2811PBKA Datasheet(PDF) 128 Page - Texas Instruments

Part # TMP320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKA Datasheet(HTML) 128 Page - Texas Instruments

Back Button TMP320C2811PBKA Datasheet HTML 124Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 125Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 126Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 127Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 128Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 129Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 130Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 131Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 147 page
background image
Electrical Specifications
128
June 2004
SPRS257
6.29.2 ADC Electrical Characteristics Over Recommended Operating Conditions
Table 6−38. DC Specifications (See Note 1)
PARAMETER
MIN
TYP
MAX
UNIT
Resolution
12
Bits
ADC clock (See Note 2)
1
kHz
ADC clock (See Note 2)
25
MHz
ACCURACY
INL (Integral nonlinearity)
±1.5
LSB
DNL (Differential nonlinearity)
±1
LSB
Offset error (See Note 3)
±80
LSB
Overall gain error with internal reference
(See Note 4)
±50
LSB
Overall gain error with external reference
(See Note 5)
If ADCREFP-ADCREFM = 1 V ±0.1%
±50
LSB
Channel-to-channel offset variation
±8
LSB
Channel-to-channel Gain variation
±8
LSB
ANALOG INPUT
Analog input voltage (ADCINx to ADCLO)
(See Note 6)
0
3
V
ADCLO
−5
0
5
mV
Input capacitance
10
pF
Input leakage current
3
±5
µA
INTERNAL VOLTAGE REFERENCE (See Note 4)
Accuracy, ADCVREFP
2
V
Accuracy, ADCVREFM
1
V
Voltage difference, ADCREFP - ADCREFM
1
V
Temperature coefficient
50
PPM/°C
Reference noise
100
µV
EXTERNAL VOLTAGE REFERENCE (See Note 5)
Accuracy, ADCVREFP
1.9
2
2.1
V
Accuracy, ADCVREFM
0.95
1
1.05
V
Input voltage difference,
ADCREFP - ADCREFM
0.99
1
1.01
V
NOTES: 1. Tested at 12.5-MHz ADCCLK
2. If SYSCLKOUT ≤ 25 MHz, ADC clock ≤ SYSCLKOUT/2
3. 1 LSB has the weighted value of 3.0/4096 = 0.732 mV.
4. A single tirmmed internal band gap reference sources both ADCREFP and ADCREFM signals, and hence, these voltages track
together. The ADC converter uses the difference between these two as its reference. The total gain error will be the combination
of the gain error shown here and the voltage reference accuracy (ADCREFP - ADCREFM). A software-based calibration
procedure is recommended for better accuracy. See F2812 ADC Calibration Application Note (literature number SPRA989) and
Section 5.2, Documentation Support, for relevant documents.
5. In this mode, the accuracy of external reference is critical for overall gain. The voltage difference (ADCREFP-ADCREFM) will
determine the overall accuracy.
6. Voltages above VDDA + 0.3 V or below VSS - 0.3 V applied to an analog input pin may temporarily affect the conversion of another
pin. To avoid this, the analog inputs should be kept within these limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com