Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320C2811PBKA Datasheet(PDF) 129 Page - Texas Instruments

Part # TMP320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKA Datasheet(HTML) 129 Page - Texas Instruments

Back Button TMP320C2811PBKA Datasheet HTML 125Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 126Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 127Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 128Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 129Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 130Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 131Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 132Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 147 page
background image
Electrical Specifications
129
June 2004
SPRS257
Table 6−39. AC Specifications
PARAMETER
MIN
TYP
MAX
UNIT
SINAD
Signal-to-noise ratio + distortion
64
dB
SNR
Signal-to-noise ratio
66
dB
THD (100 kHz)
Total harmonic distortion
−68
dB
ENOB (SNR)
Effective number of bits
10.7
Bits
SFDR
Spurious free dynamic range
70
dB
6.29.3 Current Consumption for Different ADC Configurations (at 25-MHz ADCCLK)‡
IDDA (TYP)§
IDDAIO (TYP)
IDD1 (TYP)
ADC OPERATING MODE/CONDITIONS
40 mA
1 µA
0.5 mA
Mode A (Operational Mode):
− BG and REF enabled
− PWD disabled
7 mA
0
5 µA
Mode B:
− ADC clock enabled
− BG and REF enabled
− PWD enabled
1 µA
0
5 µA
Mode C:
− ADC clock enabled
− BG and REF disabled
− PWD enabled
1 µA
0
0
Mode D:
− ADC clock disabled
− BG and REF disabled
− PWD enabled
‡ Test Conditions:
SYSCLKOUT = 150 MHz
ADC module clock = 25 MHz
ADC performing a continuous conversion of all 16 channels in Mode A
§ IDDA − includes current into VDDA1/VDDA2 and AVDDREFBG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com