Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08B200CIVS/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADC08B200CIVS/NOPB
Description  200 MSPS A/D Converter with Capture Buffer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08B200CIVS/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADC08B200CIVS/NOPB Datasheet HTML 12Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 13Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 14Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 15Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 16Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 17Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 18Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 19Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
ADC08B200
SNAS388F – MARCH 2007 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VA = VD = VP = VDR = 3.3V, fCLK = 200 MHz, fIN = 50 MHz, PLL & Buffer bypassed, TA = 25°C, unless otherwise stated
DNL vs. Temperature
DNL vs. Sample Rate
Figure 14.
Figure 15.
Offset Error vs. Temperature
Full Scale Error vs. Temperature
Figure 16.
Figure 17.
SNR vs. Supply Voltage
SNR vs. Input Frequency
Figure 18.
Figure 19.
16
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com