Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08B200CIVS/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADC08B200CIVS/NOPB
Description  200 MSPS A/D Converter with Capture Buffer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08B200CIVS/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC08B200CIVS/NOPB Datasheet HTML 9Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 10Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 11Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 12Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 13Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 14Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 15Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 16Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
RCLK
REN
DRDY
DATA
tSKR
tRR
tSKDR
tRR
tRCH tRCL
SAMPLE 1
SAMPLE 2
SAMPLE 3
#1
#2
#3
#4
OEDGE = 0
tRF
SAMPLE 4
SAMPLE 5
SAMPLE 6
RCLK
REN
DRDY
DATA
tSU
tSKDR
tRR
tRF
tRCH tRCL
SAMPLE 1
SAMPLE 2
SAMPLE 3
OEDGE = 1
tODF
0.4V
2.5V
tOHF
tODR
0.4V
tOHR
tSKR
SAMPLE 4
SAMPLE 5
CLK
WEN
WENSYNC
tCW
tCH
tCL
#1
#2
#3
#4
Asynchronous Assertiopn
FF
tCFF
tFFW
ADC08B200
www.ti.com
SNAS388F – MARCH 2007 – REVISED APRIL 2013
Figure 4. ADC08B200 Buffer Write Timing
Figure 5. ADC08B200 Buffer Read Timing (OEDGE/TEN = 1)
Figure 6. ADC08B200 Buffer Read Timing (OEDGE/TEN = 0)
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com