Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08B200CIVS/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ADC08B200CIVS/NOPB
Description  200 MSPS A/D Converter with Capture Buffer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08B200CIVS/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADC08B200CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 25Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 26Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 27Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 28Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 29Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 30Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 31Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
ADC08B200
SNAS388F – MARCH 2007 – REVISED APRIL 2013
www.ti.com
THE REN PIN
A high level at this Read Enable input causes data to be read from the capture buffer. One byte is read with the
rise of each RCLK input. This signal should go high synchronous with the RCLK input and should not be high
while the WEN input is high. If this input is high while the WEN input is high, the WEN input has priority and the
REN input is ignored, regardless of which of these two inputs is high first. It is not possible to read from the buffer
while a write to the buffer is in progress.
THE ASW PIN
This Auto-Stop Write input has a dual function. With writing to the buffer enabled and this ASW high, this pin acts
as the ASW (Auto-Stop Write) input, which causes writing to the buffer to halt once the buffer is full (FF high).
This prevents write "wrap around" and the over-writing of older data. When writing to the buffer is disabled, this
pin is ignored. When the device is in Test Mode, this pin acts as the Output Edge Select input and functions as
described for the OEDGE/TEN input.
THE BSIZE PINS
The two Buffer Size input pins (BSIZE0 and BSIZE1) are used to select the required buffer size for the
application or to bypass the buffer altogether. Refer to USING THE DATA BUFFER for use of these pins
PLL CONTROL: THE MULT PINS
The two MULT input pins (MULT0 and MULT1) are used to select the CLK Multiplier for the internal PLL, or to
bypass the PLL. Refer to CLOCK OPTIONS for more information.
DIGITAL OUTPUT PINS
The ADC08B200 has 12 digital output pins: 8 Digital Data Output pins, DRDY, WENSYNC, EF and FF
Digital Data Outputs
This 8-bit bus is LVTTL/LVCMOS compatible, with a Straight Binary output format. Data is clocked out on this
bus in one of two ways. When the internal buffer is bypassed, data is clocked out at the sample clock rate. When
the internal buffer is used, data is clocked out at the RCLK rate. In either case, data is clocked out on the rising
edge of the appropriate clock. Refer to CLOCK OPTIONS for information on sample rate determination.
When the Capture Buffer is bypassed, data is read directly from the converter at the sample clock rate.
When the capture buffer is used, data is read from the capture buffer and presented at these pins when the REN
input is high. If OEDGE/TEN is high, the digital data output and DRDY are held low when no valid data is being
sent out. If OEDGE/TEN is low, the digital data and DRDY are held high when no valid data is being sent out.
These pins source data at the converter sample rate when the buffer is disabled.
Whether the buffer is enabled or not, the output data is provided synchronous with DRDY. That is, the data
transition occurs with the edge of DRDY defined by OEDGE/TEN such that the data transitions on the rise of
DRDY if OEDGE/TEN is high or on the fall of DRDY if OEDGE/TEN is low.
The data output drivers are capable of sourcing and sinking a relatively high current to enable rapid charging and
discharging of the output capacitance, thereby allowing fast output rise and fall times. The data outputs should
be as lightly loaded as possible to minimize on-chip noise and the resulting loss of SNR performance. Note the
specified load capacitance at the heading of the Electrical Characteristics Tables.
The DRDY Pin
This output is intended for use to latch output data into a receiving device and transitions with the transition of
the digital data outputs. The synchronizing edge of the DRDY signal can be selected with the OEDGE input.
When the buffer is not used, DRDY is active as long as the ADC is functioning. When the buffer is enabled,
DRDY is active only while data is being sent out. When no valid data is being sent out, the DRDY output sense is
the opposite of the OEDGE input. When OE is low and the device is NOT in the Test Pattern Mode (OEDGE
floating or at VA / 2), the DRDY output is in the high impedance state, as are the data outputs. However, in Test
Pattern Mode the OE input is ignored and all output drivers (data and DRDY) are in the active state. When the
buffer is used, DRDY is held low at all times except during the buffer read phase, where it switches in
synchronism with the data output pins.
28
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com