Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08B200CIVS/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADC08B200CIVS/NOPB
Description  200 MSPS A/D Converter with Capture Buffer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08B200CIVS/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  ADC08B200CIVS/NOPB Datasheet HTML 1Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 2Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 3Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
ADC08B200
www.ti.com
SNAS388F – MARCH 2007 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
Supply Voltage (VA, VP, VD, VDR)
-0.3V to 3.8V
Driver Supply Voltage (VDR)
-0.3V to VA +0.3V
Voltage on Any Input or Output Pin
−0.3V to VA
Reference Voltage (VRT, VRB)
GND to VA
Input Current, Data Outputs
±1 mA
Input Current all other pins (4)
±25 mA
Package Input Current (4)
±50 mA
Power Dissipation at TA = 25°C
See (5)
ESD Susceptibility (6)
Human Body Model
2500V
Machine Model
200V
Charged Device Model
1000V
Soldering Temperature, Infrared, 10 seconds
235°C
Storage Temperature
−65°C to +150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For specifications and test conditions, see the Electrical
Characteristics. The specifications apply only for the test conditions listed. Some performance characteristics may degrade when the
device is not operated under the listed test conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
All voltages are measured with respect to GND = DR GND = 0V, unless otherwise specified.
(4)
When the input voltage at any pin exceeds the power supplies (that is, less than GND or DR GND, or greater than VA, VP, VD or VDR),
the current at that pin should be limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can
safely exceed the power supplies with an input current of 25 mA to two.
(5)
The absolute maximum junction temperature (TJmax) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance (θJA), and the ambient temperature (TA), and can be calculated using the formula
PDMAX = (TJmax − TA) / θJA.
(6)
Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through ZERO
Ohms.
OPERATING RATINGS
(1) (2)
Operating Temperature Range
−40°C ≤ TA ≤ +105°C
Supply Voltage (VA)
+3.0V to +3.6V
Driver Supply Voltage (VDR)
+2.7V to (VA + 0.3V)
Maximum Supply Voltage
VD, VP
VA + 0.3V
CLK Frequency
PLL Bypassed
1 to 210 MHz
PLL used
15 to 105 MHz
RCLK Frequency (3)
2 - 210 MHz
RCLK Duty Cycle
35% to 65%
Ground Difference |GND - DR GND|
0V to 300 mV
Upper Reference Voltage (VRT)
0.5V to (VA − 0.3V)
Lower Reference Voltage (VRB)
0V to (VRT − 0.5V)
Reference Delta (VRT − VRB)
0.5V to 2.3V
VIN Voltage Range
VRB to VRT
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For specifications and test conditions, see the Electrical
Characteristics. The specifications apply only for the test conditions listed. Some performance characteristics may degrade when the
device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND = DR GND = 0V, unless otherwise specified.
(3)
RCLK should be stopped with the buffer is not being read.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com