Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08B200CIVS/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADC08B200CIVS/NOPB
Description  200 MSPS A/D Converter with Capture Buffer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08B200CIVS/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC08B200CIVS/NOPB Datasheet HTML 3Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 9Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 10Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
ADC08B200
www.ti.com
SNAS388F – MARCH 2007 – REVISED APRIL 2013
CONVERTER ELECTRICAL CHARACTERISTICS (continued)
The following specifications apply for VA = VD = VP = VDR = +3.3VDC, VRT = +1.9V, VRB = 0.3V, CL = 10 pF, fCLK = 200 MHz at
50% duty cycle, OEDGE/TEN = 1, Buffer and PLL bypassed. Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ =
25°C
(1)(2)
Units
Parameter
Test Conditions
Typ(3)
Limits (3)
(Limits)
Operational
10
µA
OEDGE/TEN
IIH
Logic High Input Current
VIH = VDR = VA = 3.6V
Test Mode
70
µA
Others
10
nA
Operational
−10
µA
OEDGE/TEN
IIL
Logic Low Input Current
VIL = 0V, VDR = VA = 3.0V
Test Mode
−600
µA
Others
−50
nA
CIN
Logic Input Capacitance
3
pF
DIGITAL OUTPUT CHARACTERISTICS
VOH
High Level Output Voltage
VA = VDR = 3.0V, IOH = −5 mA
3.0
2.4
V (min)
VOL
Low Level Output Voltage
VA = VDR = 3.0V, IOL = 5 mA
0.25
0.5
V (max)
COUT
Digital Output Capacitance
2
pF
DYNAMIC PERFORMANCE
fIN = 10 MHz, VIN = FS − 0.25 dB
7.4
Bits
fIN = 49 MHz, VIN = FS − 0.25 dB
7.2
6.8
Bits (min)
ENOB
Effective Number of Bits
fIN = 49 MHz, VIN = FS − 0.25 dB, PLL x8
7.2
Bits
fIN = 100 MHz, VIN = FS − 0.25 dB
7.0
Bits
fIN = 100 MHz, VIN = FS − 0.25 dB, PLL x4
6.9
Bits
fIN = 10 MHz, VIN = FS − 0.25 dB
46
dBc
fIN = 49 MHz, VIN = FS − 0.25 dB
45
42.7
dBc (min)
SINAD
Signal-to-Noise & Distortion
fIN = 49 MHz, VIN = FS − 0.25 dB, PLL x8
45
dBc
fIN = 100 MHz, VIN = FS − 0.25 dB
44
dBc
fIN = 100 MHz, VIN = FS − 0.25 dB, PLL x4
43.4
dBc
fIN = 10 MHz, VIN = FS − 0.25 dB
47
dBc
fIN = 49 MHz, VIN = FS − 0.25 dB
46.3
43.7
dBc (min)
SNR
Signal-to-Noise Ratio
fIN = 49 MHz, VIN = FS − 0.25 dB, PLL x8
45.8
dBc
fIN = 100 MHz, VIN = FS − 0.25 dB
45.6
dBc
fIN = 100 MHz, VIN = FS − 0.25 dB, PLL x4
45.6
\dBc
fIN = 10 MHz, VIN = FS − 0.25 dB
56
dBc
fIN = 49 MHz, VIN = FS − 0.25 dB
56
dBc
SFDR
Spurious Free Dynamic Range fIN = 49 MHz, VIN = FS − 0.25 dB, PLL x8
56
dBc
fIN = 100 MHz, VIN = FS − 0.25 dB
50
dBc
fIN = 100 MHz, VIN = FS − 0.25 dB, PLL x4
49.7
dBc
fIN = 10 MHz, VIN = FS − 0.25 dB
−55
dBc
fIN = 49 MHz, VIN = FS − 0.25 dB
−53
dBc
THD
Total Harmonic Distortion
fIN = 49 MHz, VIN = FS − 0.25 dB, PLL x8
−53
dBc
fIN = 100 MHz, VIN = FS − 0.25 dB
−49
dBc
fIN = 100 MHz, VIN = FS − 0.25 dB, PLL x4
-47.5
dBc
fIN = 10 MHz, VIN = FS − 0.25 dB
−57
dBc
fIN = 49 MHz, VIN = FS − 0.25 dB
−55
dBc
HD2
2nd Harmonic Distortion
fIN = 49 MHz, VIN = FS − 0.25 dB, PLL x8
−55
dBc
fIN = 100 MHz, VIN = FS − 0.25 dB
−50
dBc
fIN = 100 MHz, VIN = FS − 0.25 dB, PLL x4
−49.9
dBc
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com