Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08B200CIVS/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # ADC08B200CIVS/NOPB
Description  200 MSPS A/D Converter with Capture Buffer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08B200CIVS/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADC08B200CIVS/NOPB Datasheet HTML 22Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 23Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 25Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 26Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 27Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 28Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 29Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
ADC08B200
SNAS388F – MARCH 2007 – REVISED APRIL 2013
www.ti.com
THE DIGITAL INPUT PINS
The ADC08B200 has 14 digital input pins, 6 of which are used for buffer control and 2 of which are used for PLL
control.
The PD Pin
The Power Down (PD) pin, when high, puts the ADC08B200 into a low power mode where power consumption is
significantly reduced below its operating power. Stopping the clock after raising the PD input will reduce power
consumption even more. The ADC is active and will perform normally about 2 microseconds after the PD pin is
brought low. However, the PLL, if used, requires 20 microseconds to stabilize after the PD pin is brought low.
The digital output pins retain the last conversion output code when either the clock is stopped or the PD pin is
high. The buffer contents are lost when PD is brought high.
The PDADC Pin
When the PDADC pin is high the ADC is powered down. The capture buffer is active and the data within it may
be clocked out.
This is helpful for reduction of average power consumption as the ADC can be powered down while data is being
read from the buffer. As with the PD pin, the ADC is active and will perform normally about 2 microseconds after
the PDADC pin is brought low. Again the PLL, if used, requires 20 microseconds to stabilize after the PD pin is
brought low.
The PLL remains active when the PDADC input is high to allow for faster initiation of data capture after PDADC
is lowered. Stopping the input clock when PDADC is invoked can result in a loss of PLL lock and a longer than
normal recovery time from PDADC.
The Master CLK Pin
Although the ADC08B200 is tested and its performance is ensured with a 200 MHz clock, it typically will function
well with clock frequencies as indicated in the Electrical Characteristics table.
The low and high times of the clock signal can affect the performance of any A/D Converter. Because achieving
a precise duty cycle is difficult, the ADC08B200 is designed to maintain performance over a range of duty cycles.
While it is specified and performance is ensured with a 50% clock duty cycle and 200 Msps, ADC08B200
performance is typically maintained with clock high and low times and a clock frequency range as indicated in the
electrical table. Note that clock minimum low and high times may not be simultaneously imposed.
The ADC Clock input line should be series terminated at the clock source in the characteristic impedance of that
line if the clock line is longer than
where
•
tr is the clock rise time
•
tprop is the propagation rate of the signal along the trace
(5)
Typical tprop is about 150 ps/inch (59 ps/cm) on FR-4 board material.
It is always best and advisable that one clock source pin drive a single destination pin for best signal integrity.
However, if the clock source is used to drive more than just one destination, the CLK pin should be a.c.
terminated with a series RC to ground such that the resistor value is equal to the characteristic impedance of the
clock line and the capacitor value is
where
•
tPROP is the signal propagation rate down the clock line
•
"L" is the line length
•
ZO is the characteristic impedance of the clock line
(6)
26
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com