| Electronic Components Datasheet Search |
|
VT82C596B Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT82C596B Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers |
|
25 / 96 page ![]() VT82C596B Revision 0.3 June 17, 1999 -19- Pinouts 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW Power Management (continued) Signal Name Pin # I/O Signal Description LID / GPI10 P16 I Notebook Computer Display Lid Open / Closed Monitor. Used by the Power Management subsystem to monitor the opening and closing of the display lid of notebook computers. Can be used to detect either low-to-high and/or high-to-low transitions to generate an SMI#. The VT82C596B performs a 200 usec debounce of this input if Rx40[5] is set to 1. May optionally be programmed as a general purpose input (Rx74[4]=1). RI# / GPI12 P18 I Ring Indicator. May be connected to external modem circuitry to allow the system to be re-activated by a received phone call. This input is referenced to VCCSUS. May optionally be programmed as a general purpose input (Rx74[6]=1). THRM# / GPI8 H19 I Thermal Detect. If the VT82C596B is enabled to allow it, asserting this signal initiates hardware Clock Throttling mode. This causes STPCLK# to be cycled at a preset programmable rate (see Function 3 configuration space Rx4C). May optionally be programmed as a general purpose input (Rx74[2]=1). SCIOUT# / GPO29 F3 O ACPI System Control Interrupt. Connected to the external APIC if used. May optionally be programmed as a general purpose output (Rx74[7]=0). CPUSTP# / GPO17 R1 O CPU Clock Stop. Signals the system clock generator to disable the CPU clock outputs. May optionally be programmed as a general purpose output (Rx75[1]=1). PCISTP# / GPO18 R2 O PCI Clock Stop. Signals the system clock generator to disable the PCI clock outputs. May optionally be programmed as a general purpose output (Rx75[2]=1). ZZ / GPO19 K16 O L2 Cache SRAM Low Power Mode. Used to power down the L2 Cache SRAMs during CPU Stop Clock state. May optionally be programmed as a general purpose output (Rx75[3]=1). SUSA# W20 O Suspend Plane A Control. Asserted during power management POS, STR, and STD suspend states. Used to control the primary power plane. SUSB# / GPO15 V19 O Suspend Plane B Control. Asserted during power management STR and STD suspend states. Used to control the secondary power plane. May optionally be programmed as a general purpose output (Rx75[0]=1). SUSC# / GPO16 U18 O Suspend Plane C Control. Asserted during power management STD suspend state. Used to control the tertiary power plane. May optionally be programmed as a general purpose output (Rx75[0]=1). SUSST1# / GPO20 T17 O Suspend Status 1. Typically connected to the North Bridge (e.g., VT82C598 Apollo MVP3) to provide information on host clock status. Asserted when the system may stop the host clock, such as Stop Clock or during POS, STR, or STD suspend states. May optionally be programmed as a general purpose output (Rx75[4]=1). SUSST2# / GPO21 T18 O Suspend Status 2. Typically connected to other system devices to provide information on system suspend state. Asserted during POS, STR, or STD suspend states. May optionally be programmed as a general purpose output (Rx75[5]=1). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |